Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0518CDMCCDS-R56MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # 0518CDMCCDS-R56MC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0518CDMCCDS-R56MC Datasheet(HTML) 3 Page - Sumida Corporation

  0518CDMCCDS-R56MC Datasheet HTML 1Page - Sumida Corporation 0518CDMCCDS-R56MC Datasheet HTML 2Page - Sumida Corporation 0518CDMCCDS-R56MC Datasheet HTML 3Page - Sumida Corporation 0518CDMCCDS-R56MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
0518CDMCC/DS
0
3
6
9
12
15
18
0.0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
1
2
3
4
5
6
0
10
20
30
40
50
60
Page 3 of 4
Revised: 28-Oct-15
0
2
4
6
8
10
12
0
1
2
3
4
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
1
2
3
4
5
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
2
4
6
8
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
2
4
6
8
10
12
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
3
6
9
12
15
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
4
8
12
16
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
4
8
12
16
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
4
8
12
16
20
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. 0518CDMCCDS-R33MC
△T (℃)
L (
μH)
2. 0518CDMCCDS-R47MC
△T (℃)
L (
μH)
3. 0518CDMCCDS-R56MC
L (
μH)
DC (A)
5. 0518CDMCCDS-1R5MC
△T (℃)
L (
μH)
6. 0518CDMCCDS-2R2MC
7. 0518CDMCCDS-3R3MC
△T (℃)
L (
μH)
4. 0518CDMCCDS-1R0MC
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T
9. 0518CDMCCDS-5R6MC
△T (℃)
L (
μH)
DC (A)
DC (A)
10. 0518CDMCCDS-6R8MC
△T (℃)
L (
μH)
DC (A)
11. 0518CDMCCDS-100MC
△T (℃)
L (
μH)
DC (A)
0
1
2
3
4
5
6
0
1
2
3
4
5
6
0
10
20
30
40
50
60
8. 0518CDMCCDS-4R7MC
△T (℃)
L (
μH)
DC (A)
12. 0518CDMCCDS-150MC
△T (℃)
L (
μH)
DC (A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com