Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

125CDMCCDS-R36MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # 125CDMCCDS-R36MC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

125CDMCCDS-R36MC Datasheet(HTML) 2 Page - Sumida Corporation

  125CDMCCDS-R36MC Datasheet HTML 1Page - Sumida Corporation 125CDMCCDS-R36MC Datasheet HTML 2Page - Sumida Corporation 125CDMCCDS-R36MC Datasheet HTML 3Page - Sumida Corporation 125CDMCCDS-R36MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Power Inductor
125CDMCC/DS
Note
: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 2 of 4
Version 1 (2015.8)
www.sumida.com
Land patterns and Schematics- [mm]
Electrical Characteristics
Part No.
Stamp
Inductance
(µH)
[Within]
※1
D.C.R(m )
Max.(Typ.)
at 25
Saturation Current
(A)Max.(Typ.)
(at 25
℃)※
※2
Temperature
rise current
(A)Typ.
※3
125CDMCCDS-R36MC
R36
0.36±20%
0.95(0.72)
68.0(80.0)
40.0
125CDMCCDS-R47MC
R47
0.47±20%
1.1(0.8)
53.0(62.0)
37.0
125CDMCCDS-R68MC
R68
0.68±20%
1.3(1.1)
51.0(60.0)
33.0
125CDMCCDS-1R0MC
1R0
1.0±20%
1.9(1.6)
40.0(47.0)
28.0
125CDMCCDS-1R5MC
1R5
1.5±20%
3.3(2.8)
32.0(38.0)
22.0
125CDMCCDS-1R8MC
1R8
1.8±20%
3.5(3.0)
30.0(35.0)
21.0
125CDMCCDS-2R2MC
2R2
2.2±20%
4.2(3.5)
29.0(34.0)
20.0
125CDMCCDS-3R3MC
3R3
3.3±20%
7.8(6.5)
23.0(27.0)
17.0
125CDMCCDS-4R7MC
4R7
4.7±20%
10.0(8.4)
19.0(22.0)
14.0
125CDMCCDS-6R8MC
6R8
6.8±20%
18.0(14.5)
14.0(17.0)
11.0
125CDMCCDS-8R2MC
8R2
8.2±20%
19.0(16.0)
13.0(15.0)
10.0
125CDMCCDS-100MC
100
10.0±20%
22.0(19.0)
12.0(14.0)
9.0
125CDMCCDS-220MC
220
22.0±20%
40.4(33.7)
7.2(8.5)
6.5
125CDMCCDS-330MC
330
33.0±20%
57.0(47.5)
6.1(7.2)
6.0
125CDMCCDS-470MC
470
47.0±20%
97.2(81.0)
5.4(6.3)
4.5
※1 Measuring frequency Inductance at 100kHz,1.0V
※2 Saturation current: The value of DC current when the inductance is over 70% of its initial value. (at 25℃ )
※3 Temperature rise current: The actual value of DC current when temperature of coil rise is △T=40℃(Ta=25℃)
8.0
14.5
5.
0
14.5
8.0
5.
5
(0.36µH
~2.2µH)
(3.3µH
~47µH)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com