Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

125CDMCCDS-R68MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # 125CDMCCDS-R68MC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

125CDMCCDS-R68MC Datasheet(HTML) 3 Page - Sumida Corporation

  125CDMCCDS-R68MC Datasheet HTML 1Page - Sumida Corporation 125CDMCCDS-R68MC Datasheet HTML 2Page - Sumida Corporation 125CDMCCDS-R68MC Datasheet HTML 3Page - Sumida Corporation 125CDMCCDS-R68MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Power Inductor
125CDMCC/DS
Note
: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 3 of 4
Version 1 (2015.8)
www.sumida.com
0
1
2
3
4
5
6
0
5
10
15
20
25
30
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
4
8
12
16
20
24
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
4
8
12
16
20
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
3
6
9
12
15
18
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
3
6
9
12
15
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
20
40
60
80
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
20
40
60
80
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
12
24
36
48
60
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
8
16
24
32
40
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
8
16
24
32
40
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
2.125CDMCCDS-R47MC
3.125CDMCCDS-R68MC
1.125CDMCCDS-R36MC
L (
μH)
△T (℃)
DC (A)
L (
μH)
△T (℃)
DC (A)
L (
μH)
△T (℃)
DC (A)
5.125CDMCCDS-1R5MC
6.125CDMCCDS-1R8MC
4.125CDMCCDS-1R0MC
L (
μH)
△T (℃)
DC (A)
L (
μH)
△T (℃)
DC (A)
L (
μH)
△T (℃)
DC (A)
L (20
℃)
△T
11.125CDMCCDS-8R2MC
12.125CDMCCDS-100MC
10.125CDMCCDS-6R8MC
L (
μH)
△T (℃)
DC (A)
L (
μH)
△T (℃)
DC (A)
L (
μH)
△T (℃)
DC (A)
8.125CDMCCDS-3R3MC
9.125CDMCCDS-4R7MC
7.125CDMCCDS-2R2MC
L (
μH)
△T (℃)
DC (A)
L (
μH)
△T (℃)
DC (A)
L (
μH)
△T (℃)
DC (A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com