Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0420CDMCCDS-R47MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # 0420CDMCCDS-R47MC
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0420CDMCCDS-R47MC Datasheet(HTML) 2 Page - Sumida Corporation

  0420CDMCCDS-R47MC Datasheet HTML 1Page - Sumida Corporation 0420CDMCCDS-R47MC Datasheet HTML 2Page - Sumida Corporation 0420CDMCCDS-R47MC Datasheet HTML 3Page - Sumida Corporation 0420CDMCCDS-R47MC Datasheet HTML 4Page - Sumida Corporation 0420CDMCCDS-R47MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
0420CDMCC/DS
Page 2 of 5
Revised: 20-Nov-15
Electrical Characteristics
※1 Measuring frequency Inductance at 100kHz ,1.0V
※2 Saturation current: The value of DC current when the inductance is over 70% of its initial value. (at 25℃ )
※3 Temperature rise current: The actual value of DC current when temperature of coil rise is
△T=40℃(Ta=25℃) Board conditions: FR4, Copper=70μm,four-layer PWB, t=1.6mm.
1.5
2.1(2.5)
282(256)
10
±20%
100
0420CDMCCDS-100MC
1.4
1.6(1.9)
352(320)
15
±20%
150
0420CDMCCDS-150MC
1.2
1.4(1.7)
363(330)
22
±20%
220
0420CDMCCDS-220MC
Part No.
Stamp
Inductance
[Within]
(
μH)
※1
D.C.R
(m
Ω)
Max.(Typ.)
at 25
℃
Saturation
Current
(A)
Max.(Typ.)
(at 25
℃)
※2
Temperature
rise current
(A)
(Typ.)
※3
0420CDMCCDS-R10MC
R10
0.10
±20%
4.0(3.5)
19(22)
17.0
0420CDMCCDS-R22MC
R22
0.22
±20%
6.6(6.0)
15(18)
12.0
0420CDMCCDS-R33MC
R33
0.33
±20%
10.5(9.0)
10(12)
10.5
0420CDMCCDS-R47MC
R47
0.47
±20%
14(12.5)
9.5(11)
9.0
0420CDMCCDS-R56MC
R56
0.56
±20%
16(14)
10(12)
8.1
0420CDMCCDS-R68MC
R68
0.68
±20%
18(16)
8.2(9.6)
8.0
0420CDMCCDS-1R0MC
1R0
1.0
±20%
27(24)
7.0(8.0)
6.5
0420CDMCCDS-1R2MC
1R2
1.2
±20%
27(24)
7.0(8.0)
6.5
0420CDMCCDS-1R5MC
1R5
1.5
±20%
46(38)
5.7(6.7)
4.9
0420CDMCCDS-2R2MC
2R2
2.2
±20%
58(52)
5.4(6.3)
4.3
0420CDMCCDS-3R3MC
3R3
3.3
±20%
87(74)
4.0(4.7)
3.5
0420CDMCCDS-4R7MC
4R7
4.7
±20%
105(92)
2.5(3.0)
2.7
0420CDMCCDS-6R8MC
6R8
6.8
±20%
175(160)
2.3(2.7)
2.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com