Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0518CDMCCDS-R68MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # 0518CDMCCDS-R68MC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0518CDMCCDS-R68MC Datasheet(HTML) 1 Page - Sumida Corporation

  0518CDMCCDS-R68MC Datasheet HTML 1Page - Sumida Corporation 0518CDMCCDS-R68MC Datasheet HTML 2Page - Sumida Corporation 0518CDMCCDS-R68MC Datasheet HTML 3Page - Sumida Corporation 0518CDMCCDS-R68MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
0518CDMCC/DS
Page 1 of 4
Revised: 28-Oct-15
Description
• Metal compound molding type construction.
• Magnetically shielded.
• Low audible core noise.
• Suitable for large current.
• L
×W×H: 5.7×5.4×1.8 mm Max.
• Product weight:0.26g (Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -55
℃~+125℃
(including coil’s self temperature rise)
• Storage temperature range: -55
℃~+125℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 2000pcs/Reel.
Applications
• Ideally used in notebook, ultrabook, tablet PC,
LCD display, Server application.
• HDD,SSD modules application.
• High current, POL converters.
• Low profile, high current power supplies.
• Battery powered devices.
• DC/DC converters in distributed power
systems.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
Halogen
Free
2.2
2.5
6.0
1.5±0.1
1.2±0.2
5.4±0.3
5.
2±
0.
2
1.6±0.2
0~0.15
2.2
2.
5±
0.
3
2.
2±
0.
1


Similar Part No. - 0518CDMCCDS-R68MC

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0518160000 WEIDMULLER-0518160000 Datasheet
1Mb / 52P
SAK-series
0518200000 WEIDMULLER-0518200000 Datasheet
1Mb / 52P
SAK-series
logo
ABB
05183 ABB-05183 Datasheet
460Kb / 8P
ABB wiring ducts Allied to your business
01/08
05185 ABB-05185 Datasheet
460Kb / 8P
ABB wiring ducts Allied to your business
01/08
05187 ABB-05187 Datasheet
460Kb / 8P
ABB wiring ducts Allied to your business
01/08
More results

Similar Description - 0518CDMCCDS-R68MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com