Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

104CDMCCDS-R30MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # 104CDMCCDS-R30MC
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

104CDMCCDS-R30MC Datasheet(HTML) 3 Page - Sumida Corporation

  104CDMCCDS-R30MC Datasheet HTML 1Page - Sumida Corporation 104CDMCCDS-R30MC Datasheet HTML 2Page - Sumida Corporation 104CDMCCDS-R30MC Datasheet HTML 3Page - Sumida Corporation 104CDMCCDS-R30MC Datasheet HTML 4Page - Sumida Corporation 104CDMCCDS-R30MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
104CDMCC/DS
Page 3 of 5
Revised: 25-May-16
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0
6
12
18
24
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
6
12
18
24
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
6
12
18
24
30
36
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
10
20
30
40
50
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
10 20
30
40 50 60
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
20
40
60
80
0
10
20
30
40
50
60
0.00
0.06
0.12
0.18
0.24
0.30
0.36
0
20
40
60
80
0
10
20
30
40
50
60
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0
20
40
60
80
100
0
10
20
30
40
50
60
0.00
0.03
0.06
0.09
0.12
0.15
0.18
0
20
40
60
80
100
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. 104CDMCCDS-R15MC
△T (℃)
L (
μH)
2. 104CDMCCDS-R22MC
△T (℃)
L (
μH)
3. 104CDMCCDS-R30MC
L (
μH)
DC (A)
5. 104CDMCCDS-R47MC
△T (℃)
L (
μH)
6. 104CDMCCDS-R56MC
7. 104CDMCCDS-R68MC
△T (℃)
L (
μH)
8. 104CDMCCDS-R80MC
△T (℃)
L (
μH)
DC (A)
4. 104CDMCCDS-R36MC
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T
9. 104CDMCCDS-1R0MC
△T (℃)
L (
μH)
DC (A)
DC (A)
10. 104CDMCCDS-1R5MC
△T (℃)
L (
μH)
11. 104CDMCCDS-2R2MC
△T (℃)
L (
μH)
DC (A)
DC (A)
12. 104CDMCCDS-3R3MC
△T (℃)
L (
μH)
DC (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com