Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH2D14NP-R60NC Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRH2D14NP-R60NC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH2D14NP-R60NC Datasheet(HTML) 4 Page - Sumida Corporation

  CDRH2D14NP-R60NC Datasheet HTML 1Page - Sumida Corporation CDRH2D14NP-R60NC Datasheet HTML 2Page - Sumida Corporation CDRH2D14NP-R60NC Datasheet HTML 3Page - Sumida Corporation CDRH2D14NP-R60NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH2D14
0
3
6
9
12
15
18
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0.0 0.2 0.4 0.6 0.8 1.0
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
13. CDRH2D14NP-5R6NC
△T (℃)
L (
μH)
14. CDRH2D14NP-6R8NC
△T (℃)
L (
μH)
15. CDRH2D14NP-8R2NC
L (
μH)
DC (A)
17. CDRH2D14NP-120NC
△T (℃)
L (
μH)
16. CDRH2D14NP-100NC
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
L (20
℃)
△T
L (100
℃)
Solder Reflow Condition
170
±10 ℃,60~120s
40s
230
℃
245℃ PEAK
Heat Endurance
Temperature Chart
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T (℃)
T (s)
60
260℃
230℃
0
100
150
200
250
300
50
T (℃)
300
120
180
240
0
T (s)
60
Neumarkt
Obernzell
Chicago
Tel.+49-9181-4509-110
FAX. +49-9181-4509-310
infocomp@eu.sumida.com
Tel.+49-8591-937-0
FAX. +49-8591-937-103
contact@eu.sumida.com
Tel.+1-847-545-6700
FAX. +1-847-545-6720
sales@us.sumida.com
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+1-408-321-9660
FAX.+1-408-321-9308
sales@us.sumida.com
Tel.+65-6296-3388
FAX.+65-6841-4426
sales@sg.sumida.com
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
sales@kr.sumida.com
Tel.+81-48-691-7300
FAX.+81-48-691-7340
sales@jp.sumida.com
San Jose
Singapore
Seoul
Saitama(Japan)
Please refer to the sales offices on our website - http://www.sumida.com
Tel.+886-2-8751-2737
FAX.+886-2-8751-2738
sales@tw.sumida.com
Tel.+86-755-8291-0228
FAX.+86-755-8291-0338
shenzhen.sales@cn.sumida.com
Tel.+86-21-5836-3299
FAX.+86-21-5836-3266
shanghai.sales@cn.sumida.com
Tel.+852-2880-6781
FAX.+852-2565-9600
sales@hk.sumida.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com