Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF6901 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TRF6901
Description  SINGLE-CHIP RF TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF6901 Datasheet(HTML) 1 Page - Texas Instruments

  TRF6901 Datasheet HTML 1Page - Texas Instruments TRF6901 Datasheet HTML 2Page - Texas Instruments TRF6901 Datasheet HTML 3Page - Texas Instruments TRF6901 Datasheet HTML 4Page - Texas Instruments TRF6901 Datasheet HTML 5Page - Texas Instruments TRF6901 Datasheet HTML 6Page - Texas Instruments TRF6901 Datasheet HTML 7Page - Texas Instruments TRF6901 Datasheet HTML 8Page - Texas Instruments TRF6901 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TRF6901
SINGLECHIP RF TRANSCEIVER
SLWS110G − SEPTEMBER 2001 − REVISED JUNE 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Single-Chip RF Transceiver for 868-MHz
and 915-MHz Industrial, Scientific, and
Medical (ISM) Bands
D 1.8-V to 3.6-V Operation
D 860-MHz to 930-MHz Operation
D Low Power Consumption
D FSK/OOK Operation
D Integer-N Synthesizer With Fully Integrated
Voltage Controlled Oscillator (VCO)
D On-Chip Reference Oscillator and
Phase-Locked Loop (PLL)
D 8-dBm Typical Output Power
D Programmable Brownout Detector
D Linear Receive Strength Signal Indicator
(RSSI)
D Flexible 3-Wire Serial Interface
D Minimal Number of External Components
Required
D 48-Pin Low-Profile Plastic Quad Flat
Package (PQFP)
D Programmable XTAL Trimming
14 15
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
PQFP PACKAGE
(TOP VIEW)
LNA_IN1
LNA_IN2
LNA_VCC
PA_OUT
PA_GND1
PA_VCC
PA_GND2
VCO_GND1
VCO_VCC
VCO_VCC2
VCO
VCO_GND2
LPF_OUT
CER_DIS
SLC_CAP
RX_DATA
TX_DATA
XTAL_SW
XTAL
XTAL_VCC
DGND
CLK_OUT
STDBY
DC_DC_IN
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the gates.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TRF6901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6901 TI1-TRF6901 Datasheet
627Kb / 32P
SINGLE-CHIP RF TRANSCEIVER
TRF6901PT TI1-TRF6901PT Datasheet
627Kb / 32P
SINGLE-CHIP RF TRANSCEIVER
TRF6901PTG4 TI1-TRF6901PTG4 Datasheet
627Kb / 32P
SINGLE-CHIP RF TRANSCEIVER
TRF6901PTR TI1-TRF6901PTR Datasheet
627Kb / 32P
SINGLE-CHIP RF TRANSCEIVER
TRF6901PTRG4 TI1-TRF6901PTRG4 Datasheet
627Kb / 32P
SINGLE-CHIP RF TRANSCEIVER
More results

Similar Description - TRF6901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
SINGLE-CHIP RF TRANSCEIVER
logo
List of Unclassifed Man...
NRF0433 ETC-NRF0433 Datasheet
176Kb / 14P
Single chip 433MHz RF Transceiver
NRF401 ETC-NRF401 Datasheet
273Kb / 18P
433MHz Single Chip RF Transceiver
logo
Texas Instruments
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
SINGLE-CHIP RF TRANSCEIVER
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
SINGLE CHIP MULTIBAND RF TRANSCEIVER
TRF6900A TI-TRF6900A Datasheet
513Kb / 35P
SINGLE-CHIP RF TRANSCEIVER
logo
List of Unclassifed Man...
GJRF400 ETC1-GJRF400 Datasheet
117Kb / 8P
SINGLE CHIP RF TRANSCEIVER
logo
California Eastern Labs
ZIC2410 CEL-ZIC2410 Datasheet
3Mb / 119P
Single-chip 2.4GHz RF Transceiver
logo
Texas Instruments
TRF6901 TI1-TRF6901_08 Datasheet
627Kb / 32P
SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI1-TRF6900A_08 Datasheet
511Kb / 34P
SINGLE- CHIP RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com