Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR601-R-6 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # FR601-R-6
Description  6 Amp Fast Recovery Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

FR601-R-6 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  FR601-R-6 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD FR601-R-6 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD FR601-R-6 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FR601
THRU
FR607
6 Amp Fast Recovery
Rectifier
50 to 1000 Volts
Features
•
Low Cost
•
Low Leakage
•
Low Forward Voltage Drop
•
High Current Capability
•
Fast Switching Speed For High Efficiency
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FR601
---
50V
35V
50V
FR602
---
100V
70V
100V
FR603
---
200V
140V
200V
FR604
---
400V
280V
400V
FR605
---
600V
420V
600V
FR606
---
800V
560V
800V
FR607
---
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
300A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 6.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
μA
150
μA
TA = 25
°C
TA = 55
°C
Maximum Reverse
Recovery Time
FR601-604
FR605
FR606-607
Trr
150ns
250ns
500ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
150pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
μsec, Duty Cycle 1%
R-6
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.340
.360
8.60
9.10
B
.340
.360
8.60
9.10
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
D
D
C
Cathode
www.yfwdiode.com


Similar Part No. - FR601-R-6

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
FR601-G COMCHIP-FR601-G Datasheet
74Kb / 2P
Fast Recovery Rectifier
logo
Won-Top Electronics
FR601-T3 WTE-FR601-T3 Datasheet
51Kb / 3P
6.0A FAST RECOVERY RECTIFIER
FR601-T3 WTE-FR601-T3 Datasheet
61Kb / 4P
6.0A FAST RECOVERY DIODE
More results

Similar Description - FR601-R-6

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR601 MCC-FR601 Datasheet
79Kb / 3P
6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601GP MCC-FR601GP Datasheet
79Kb / 3P
6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR6A MCC-FR6A Datasheet
353Kb / 3P
6 Amp Fast Recovery Rectifier 50 to 1000 Volts
MR750FR MCC-MR750FR Datasheet
84Kb / 3P
6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR6A MCC-FR6A_08 Datasheet
444Kb / 5P
6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601 MCC-FR601_11 Datasheet
239Kb / 4P
6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601 MCC-FR601_13 Datasheet
271Kb / 4P
6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR604-TP MCC-FR604-TP Datasheet
113Kb / 4P
6 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR601 YFWDIODE-FR601 Datasheet
95Kb / 3P
6 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR601GP MCC-FR601GP_15 Datasheet
683Kb / 4P
6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com