Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER601-R-6 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # HER601-R-6
Description  6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

HER601-R-6 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  HER601-R-6 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HER601-R-6 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER601
THRU
HER608
6.0 Amp High
Efficient Rectifiers
50 to 1000 Volts
Features
•
High Surge Current Capability
•
High Reliability
•
Low Forward Voltage Drop
•
High Current Capability
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
For capacitive load, derate current by 20%
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
HER601
---
50V
35V
50V
HER602
---
100V
70V
100V
HER603
---
200V
140V
200V
HER604
---
300V
210V
300V
HER605
---
400V
280V
400V
HER606
---
600V
420V
600V
HER607
---
800V
560V
800V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
HER601-604
HER605
VF
1.1V
1.3V
IFM = 6.0A;
TA = 25
°C
Reverse Current At
Rated DC Blocking
Voltage (Maximum DC)
IR
10
μA
200
μA
TA = 25
°C
TA = 100
°C
Maximum Reverse
Recovery Time
HER601-605
HER606-608
Trr
50ns
75ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
HER601-605
HER606-608
CJ
100pF
65pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
μsec, Duty Cycle 1%
HER606-608
1.7V
HER608
---
1000V
700V
1000V
R-6
A
B
C
D
D
Cathode
Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.340
.360
8.60
9.10
B
.340
.360
8.60
9.10
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
www.yfwdiode.com


Similar Part No. - HER601-R-6

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
HER601-2C6A-2CR-6 DGNJDZ-HER601-2C6A-2CR-6 Datasheet
309Kb / 2P
6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Diodes Incorporated
HER601-T DIODES-HER601-T Datasheet
242Kb / 2P
High Surge Current Capability
Rev erse
logo
Won-Top Electronics
HER601-T3 WTE-HER601-T3 Datasheet
48Kb / 3P
6.0A HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER601-R-6

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER101 MCC-HER101 Datasheet
368Kb / 2P
1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER151 MCC-HER151 Datasheet
238Kb / 2P
1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
HER601 MCC-HER601 Datasheet
91Kb / 2P
6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
ER3A-HT MCC-ER3A-HT_11 Datasheet
242Kb / 3P
3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101_11 Datasheet
725Kb / 3P
1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER501 MCC-HER501_11 Datasheet
536Kb / 3P
5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER601 MCC-HER601_11 Datasheet
436Kb / 3P
6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER601 MCC-HER601_13 Datasheet
455Kb / 3P
6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER601GP MCC-HER601GP_13 Datasheet
325Kb / 3P
6.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
HER601 YFWDIODE-HER601 Datasheet
84Kb / 2P
6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com