Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF21 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SF21
Description  2.0 Amp Super Fast Rectifier 50 to 400 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SF21 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SF21 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SF21 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SF21 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SF28
SF27
1.7V
20pF
SF28
SF27
1.25V
420
350V
600V
500V
SF28
SF27
SF28
SF21
THRU
2.0 Amp Super Fast
Rectifier
50 to 400 Volts
Features
•
High reliability
•
High current capability
•
Low forward voltage drop
•
High surge capability
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
For capacitive load, derate current by 20%
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum DC
Blocking
Voltage
SF21
50V
35V
50V
SF22
100V
70V
100V
SF23
150V
105V
150V
SF24
200V
140V
200V
SF25
300V
210V
300V
SF26
400V
280V
400V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0A
TC = 55
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SF21-SF24
SF25-SF26
VF
0.95V
IFM = 2.0A;
TC = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
100uA
TC = 25
°C
TC = 100
°C
Typical Junction
Capacitance
SF21-SF24
SF25-SF26
CJ
60pF
30pF
Measured at
1.0MHz, VR=4.0V
Maximum Reverse
Recovery Time
TRR
35nS
IF=0.5A, IR=1.0A,
IRR=0.25A
Pulse Test: Pulse width 300 usec, Duty cycle 1%.
A
B
C
D
D
Cathode
Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.026
.034
.70
.90
D
1.000
---
25.40
---
DO-15
V
600V
500V
-
-
www.yfwdiode.com


Similar Part No. - SF21

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF21 MOSPEC-SF21 Datasheet
134Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
logo
Won-Top Electronics
SF21 WTE-SF21 Datasheet
50Kb / 3P
2.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF21 ZOWIE-SF21 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF21 RECTRON-SF21 Datasheet
275Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
SF21 JGD-SF21 Datasheet
159Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF21

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER6A MCC-ER6A Datasheet
80Kb / 2P
6 Amp Super Fast Recovery Rectifier 50 to 400 Volts
SF11 MCC-SF11 Datasheet
93Kb / 3P
1.0 Amp Super Fast Rectifier 50 to 400 Volts
SF21 MCC-SF21 Datasheet
94Kb / 3P
2.0 Amp Super Fast Rectifier 50 to 400 Volts
ER10A MCC-ER10A_08 Datasheet
201Kb / 5P
10 Amp Super Fast Recovery Rectifier 50 to 400 Volts
SF21 MCC-SF21_11 Datasheet
189Kb / 4P
2.0 Amp Super Fast Rectifier 50 to 600 Volts
SF21G MCC-SF21G Datasheet
224Kb / 4P
2.0 Amp Super Fast Glass Passivated Rectifier 50 to 400 Volts
SF61 MCC-SF61 Datasheet
328Kb / 4P
6.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Gaomi Xinghe Electronic...
SF11 GXELECTRONICS-SF11 Datasheet
518Kb / 3P
1.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Nanjing International G...
SF21 DGNJDZ-SF21 Datasheet
82Kb / 3P
2.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
SF21-DO15 YFWDIODE-SF21-DO15 Datasheet
427Kb / 3P
2.0 Amp Super Fast Rectifier 50 to 400 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com