Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR76116 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR76116
Description  PowerBloxTM 15A and 20A Synchronous
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76116 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR76116 Datasheet HTML 3Page - Exar Corporation XR76116 Datasheet HTML 4Page - Exar Corporation XR76116 Datasheet HTML 5Page - Exar Corporation XR76116 Datasheet HTML 6Page - Exar Corporation XR76116 Datasheet HTML 7Page - Exar Corporation XR76116 Datasheet HTML 8Page - Exar Corporation XR76116 Datasheet HTML 9Page - Exar Corporation XR76116 Datasheet HTML 10Page - Exar Corporation XR76116 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
XR
76116/20
7/19
REV1A
Typical Performance Characteristics (Continued)
Efficiency and Package Thermal Derating
Unless otherwise specified: TAMBIENT = 25°C, no airflow, f = 800kHz. Efficiency data includes inductor losses, schematic
from the Application Information section of this datasheet.
Figure 9. XR76116 Maximum TAMBIENT vs. IOUT,
VIN = 12V, No Airflow
Figure 10. XR76116 Maximum TAMBIENT vs. IOUT,
VIN = 5V, No Airflow
30
40
50
60
70
80
90
100
110
120
130
3
5
7
9
11
13
15
5.0V, CCM, 600kHz
2.5V, CCM, 800kHz
1.0V, CCM, 800kHz
IOUT (A)
30
40
50
60
70
80
90
100
110
120
130
3.3V, CCM, 600kHz
1.8V, CCM, 800kHz
1.0V, CCM, 800kHz
3
5
7
9
11
13
15
IOUT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com