Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR77103 Datasheet(PDF) 21 Page - Exar Corporation

Part # XR77103
Description  3-Output Programmable Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR77103 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XR77103 Datasheet HTML 17Page - Exar Corporation XR77103 Datasheet HTML 18Page - Exar Corporation XR77103 Datasheet HTML 19Page - Exar Corporation XR77103 Datasheet HTML 20Page - Exar Corporation XR77103 Datasheet HTML 21Page - Exar Corporation XR77103 Datasheet HTML 22Page - Exar Corporation XR77103 Datasheet HTML 23Page - Exar Corporation XR77103 Datasheet HTML 24Page - Exar Corporation XR77103 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
XR
77103
21/28
REV1B
Applications Information (Continued)
VBUCK1 Register (00h)
The VBUCK1 register has 7 bits of data for setting output of Buck 1 and 1 bit of data for use of external feedback voltage
through a resistor divider. The Buck 1 programmable voltage range is from 0.8V to 6V with 0.05V resolution. When EXT1 is
set to 1, the output voltage is adjusted by the external resistor divider from the output to ground with the center tap connected
to VOUT1 pin regardless of the value of the output voltage setting register. The factory default NVM value is 00h (0.8V).
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EXT1
D6
D5
D4
D3
D2
D1
D0
Hex
VOUT (V)
Hex
VOUT (V)
00
0.8
1A
2.1
01
0.85
1B
2.15
02
0.9
1C
2.2
03
0.95
1D
2.25
04
1
1E
2.3
05
1.05
20
2.4
06
1.1
21
2.45
07
1.15
22
2.5
08
1.2
23
2.55
09
1.25
24
2.6
0A
1.3
25
2.65
0B
1.35
26
2.7
0C
1.4
27
2.75
0D
1.45
28
2.8
0E
1.5
29
2.85
10
1.6
2A
2.9
11
1.65
2B
2.95
12
1.7
2C
3
13
1.75
2D
3.05
14
1.8
2E
3.1
15
1.85
30
3.2
16
1.9
31
3.25
17
1.95
32
3.3
18
2
33
3.35
19
2.05
34
3.4
Hex
VOUT (V)
Hex
VOUT (V)
35
3.45
50
4.8
36
3.5
51
4.85
37
3.55
52
4.9
38
3.6
53
4.95
39
3.65
54
5
3A
3.7
55
5.05
3B
3.75
56
5.1
3C
3.8
57
5.15
3D
3.85
58
5.2
3E
3.9
59
5.25
40
4
5A
5.3
41
4.05
5B
5.35
42
4.1
5C
5.4
43
4.15
5D
5.45
44
4.2
5E
5.5
45
4.25
60
5.6
46
4.3
61
5.65
47
4.35
62
5.7
48
4.4
63
5.75
49
4.45
64
5.8
4A
4.5
65
5.85
4B
4.55
66
5.9
4C
4.6
67
5.95
4D
4.65
68
6
4E
4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com