Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79103 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR79103
Description  22V, 3A Synchronous Step-Down COT Power Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79103 Datasheet(HTML) 7 Page - Exar Corporation

  XR79103 Datasheet HTML 1Page - Exar Corporation XR79103 Datasheet HTML 2Page - Exar Corporation XR79103 Datasheet HTML 3Page - Exar Corporation XR79103 Datasheet HTML 4Page - Exar Corporation XR79103 Datasheet HTML 5Page - Exar Corporation XR79103 Datasheet HTML 6Page - Exar Corporation XR79103 Datasheet HTML 7Page - Exar Corporation XR79103 Datasheet HTML 8Page - Exar Corporation XR79103 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
X
XR
R7
79
91
10
03
3
2
22
2V
V,, 3
3A
A S
Syyn
ncch
hrro
on
no
ou
uss S
Stteep
p--D
Do
ow
wn
n C
CO
OT
T P
Po
ow
weerr M
Mo
od
du
ullee
© 2016 Exar Corporation
7/9
Rev. 1A
EVALUATION BOARD LAYOUT
Fig. 3: Assembly Top
Fig. 4: Assembly Bottom
Fig. 5: Top Layer
Fig. 6: Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com