Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79106 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR79106
Description  22V, 6A Synchronous Step-Down
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79106 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR79106 Datasheet HTML 3Page - Exar Corporation XR79106 Datasheet HTML 4Page - Exar Corporation XR79106 Datasheet HTML 5Page - Exar Corporation XR79106 Datasheet HTML 6Page - Exar Corporation XR79106 Datasheet HTML 7Page - Exar Corporation XR79106 Datasheet HTML 8Page - Exar Corporation XR79106 Datasheet HTML 9Page - Exar Corporation XR79106 Datasheet HTML 10Page - Exar Corporation XR79106 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
XR
79106
7/19
REV1B
Typical Performance Characteristics (Continued)
TA = 25°C, VIN = 12V, VOUT = 1.2V, IOUT = 6A, f = 600kHz, unless otherwise specified. Schematic shown in Figure 27.
Figure 9. IOCP vs. RLIM
0
1
2
3
4
5
6
7
8
9
0.6
0.8
1
1.2
1.4
1.6
RLIM (k )
Calculated worst case
Typical
Figure 10. VREF vs. Temperature
590
595
600
605
610
-40
-20
0
20
40
60
80
100
120
TJ (°C)
Figure 11. tON vs. Temperature, RON = 6.98kΩ
100
120
140
160
180
200
220
240
260
280
-40
-20
0
20
40
60
80
100
120
TJ (°C)
Figure 12. Inductance vs. Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
2
3
4
5
6
7
8
9
10
Current (A)
Figure 13. Inductor Current Ripple vs. VOUT
1.0
2.0
3.0
4.0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VOUT (V)
700kHz
800kHz
600kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com