Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79110 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR79110
Description  22V, 10A Synchronous Step Down COT Power Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79110 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR79110 Datasheet HTML 3Page - Exar Corporation XR79110 Datasheet HTML 4Page - Exar Corporation XR79110 Datasheet HTML 5Page - Exar Corporation XR79110 Datasheet HTML 6Page - Exar Corporation XR79110 Datasheet HTML 7Page - Exar Corporation XR79110 Datasheet HTML 8Page - Exar Corporation XR79110 Datasheet HTML 9Page - Exar Corporation XR79110 Datasheet HTML 10Page - Exar Corporation XR79110 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
© 2015 Exar Corporation
XR79110
7 / 20
exar.com/XR79110
Rev 2A
Functional Block Diagram
Q
Q
R
S
Dead
Time
Control
On-Time
1.9 V
Hiccup
Mode
+ -
PGND
FB
VIN
GH
Minimum
On Time
Enable
Hiccup
OCP
comparator
Feedback
comparator
ESR
emulation &
DC correction
PGOOD
LDO
VCC
VCC
GL
VOUT
BST
VCC
50uA
+
-
+
-
+
-
3 V
-2 mV
SW
Enable LDO
CCM or CCM/DCM
Zero Cross Detect
If 8 consecutive ZCD
Then DCM
If 1 non-ZCD
Then exit DCM
Q
Q
R
S
AGND
ILIM
If four
consecutive OCP
VIN
TON
+
-
+
-
+
-
PGOOD comparator
Short-circuit detection
0.555 V
0.36 V
Switching
Enabled
10uA
+
-
Switching
Enabled
SS
0.6 V
+
-
+
-
Switching
Enabled
Enable LDO
VCC UVLO
4.25 V
OTP
150 C
TJ
VCC
TON
Enable LDO
PVIN
L
CBST
0.1uF
PGND
CIN
1uF
PGND
COUT
2.2uF
SW
FB
0.6V
EN/
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com