Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79203 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR79203
Description  40V, 3A Synchronous Step-Down
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79203 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR79203 Datasheet HTML 3Page - Exar Corporation XR79203 Datasheet HTML 4Page - Exar Corporation XR79203 Datasheet HTML 5Page - Exar Corporation XR79203 Datasheet HTML 6Page - Exar Corporation XR79203 Datasheet HTML 7Page - Exar Corporation XR79203 Datasheet HTML 8Page - Exar Corporation XR79203 Datasheet HTML 9Page - Exar Corporation XR79203 Datasheet HTML 10Page - Exar Corporation XR79203 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
XR
79203
7/19
REV1B
Typical Performance Characteristics (Continued)
TA = 25°C, VIN = 24V, VOUT = 3.3V, IOUT = 3A, f = 500kHz, unless otherwise specified. Schematic shown in Figure 27.
Figure 9. IOCP vs. RLIM
0
1
2
3
4
5
6
1
1.2
1.4
1.6
1.8
2
2.2
2.4
Calculated worst case
Typical
RLIM (kΩ)
Figure 10. VREF vs. Temperature
590
595
600
605
610
-40
-20
0
20
40
60
80
100
120
TJ (°C)
Figure 11. tON vs. Temperature, RON = 14kΩ
100
120
140
160
180
200
220
240
260
280
-40
-20
0
20
40
60
80
100
120
TJ (°C)
Figure 12. Inductance vs. Current
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
1
2
3
4
5
6
Current (A)
Figure 13. Inductor Current Ripple vs. VOUT
0.0
0.5
1.0
1.5
2.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VOUT (V)
600kHz
700kHz
500kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com