Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRA1402 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRA1402
Description  8-BIT SPI GPIO EXPANDER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRA1402 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRA1402 Datasheet HTML 3Page - Exar Corporation XRA1402 Datasheet HTML 4Page - Exar Corporation XRA1402 Datasheet HTML 5Page - Exar Corporation XRA1402 Datasheet HTML 6Page - Exar Corporation XRA1402 Datasheet HTML 7Page - Exar Corporation XRA1402 Datasheet HTML 8Page - Exar Corporation XRA1402 Datasheet HTML 9Page - Exar Corporation XRA1402 Datasheet HTML 10Page - Exar Corporation XRA1402 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
XRA1402
7
REV. 1.0.0
8-BIT SPI GPIO EXPANDER
2.9
Input Rising Edge Interrupt Enable Register (REIR) - Read/Write
Writing a ’1’ to these bits will enable the corresponding input to generate an interrupt on the rising edge. See
Table 3 for complete details of the interrupt behavior for various register settings. The MSB of this register
corresponds with P7 and the LSB of this register corresponds with P0.
2.10
Input Falling Edge Interrupt Enable Register (FEIR) - Read/Write
Writing a ’1’ to these bits will enable the corresponding input to generate an interrupt on the falling edge.
Writing a ’1’ to these bits will make that input generate an interrupt on the rising edge only. See Table 3 for
complete details of the interrupt behavior for various register settings. The MSB of this register corresponds
with P7 and the LSB of this register corresponds with P0.
2.11
Input Filter Enable Register (IFR) - Read/Write
By default, the input filters are enabled (IFR = 0xFF). When the input filters are enabled, any pulse that is
greater than 1075ns will generate an interrupt (if enabled). Pulses that are less than 225ns will be filtered and
will not generate an interrupt. Pulses in between this range may or may not generate an interrupt. Writing a ’0’
to these bits will disable the input filter for the corresponding inputs. With the input filters disabled, any change
on the inputs will generate an interrupt (if enabled). See Table 3 for complete details of the interrupt behavior
for various register settings. The MSB of this register corresponds with P7 and the LSB of this register
corresponds with P0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com