Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS8110 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DLS8110
Description  Spirent DLS 8110 VDSL Bridged Tap Simulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DLS8110 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DLS8110 Datasheet HTML 1Page - List of Unclassifed Manufacturers DLS8110 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
North American VDSL
Test Solution
Spirent Communications can
offer our customers an end-to-
end VDSL interoperability test
solution. In a typical test setup,
wireline simulation is provided
by DLS 8000 series VDSL
wireline simulators, and
impairments are provided by
DLS 5000 series impairment
generators.
500 feet TP1
250 feet
TP1 BT
DLS 8111 - 250 feet TP1
(DLS 8100 variable TP1/TP2 - 5150 feet)
DLS 8111
VDSL Wireline
Simulator
DLS 8111
VDSL Wireline
Simulator
DLS 8111
VDSL Wireline
Simulator
DLS 8111
VDSL Wireline
Simulator
DLS 8110
Bridged Tap
Simulator
DLS 8110
Bridged Tap
Simulator
DLS 8110
Bridged Tap
Simulator
DLS 8110
Bridged Tap
Simulator
DLS 8111
(or DLS 8100) VDSL
Wireline Simulator
Combination Examples
Loops Simulated
Spirent DLS Products
Spirent Communications
DLS Division
750 Palladium Drive
Ottawa, ON K2V 1C7
Canada
Telephone: (613) 592 2661
Fax: (613) 592 0522
Email: dls@spirentcom.com
dls.spirentcom.com
Sales Information Call
North America:
(800) 927 2660
International:
+33(0)1 61 37 2250
Spirent DLS Products
Customer Service
(613) 592 7301
dls.service@spirentcom.com
Spirent DLS 8110 VDSL Bridged Tap Simulator
© 2001 Spirent Communications Inc. All of the company names and/or brand names and/or product names referred to in this document, in particular the name “Spirent” and its logo device,
and DLS Division are either registered trademarks or trademarks pending registration in accordance with relevant national laws. All rights reserved. Specifications subject to change without
notice.
DLS 5200
Custom Noise Generator.
DLS 8100 or DLS 8111
VDSL Wireline Simulator.
DLS 3100
In-home Wiring Simulator.
Adtech AX/4000
Allows for traffic generation and analysis.
SmartBits SMB 200/2000
Allows for network performance analysis.
Spirent SciptCenter
Allows easy automation with other Spirent
products.
dls.spirentcom.com
8110DLS0110
DLS 8110 VDSL Bridged Tap
Simulator Specifications
Technology
Bridged tap simulation using passive
components.
Cable Simulation
Twisted copper pair bridged tap.
Cable Impedance
Complex, varies over frequency with length.
Number of Conductors
Two.
Types of Cables
TP1 (26 AWG) bridged tap.
DC Rating
200 V between Tip and Ring.
Bandwidth
DC to 30 MHz continuous frequency response.
Accuracy
± (1 dB + 4% of attenuation in dB) for
attenuation up to 60 dB.
Mechanical Specifications
Standard
T1E1.4/2001-009R2.
ITU-T G.993.1.
System
DLS 8110 chassis.
DLS 1100 Series Control Software.
Operating manual.
Power adapter.
Interconnecting cable.
Options
National Instrument IEEE 488 card for the
controlling PC.
Electrical (AC Power)
External power supply: 100~240 VAC
(50~60 Hz).
DC voltage: 9~12 VDC / 300 mA.
Environmental
Operating Temperature:
+10ºC to +40ºC (50ºF to 104ºF).
Storage Temperature:
+10ºC to +40ºC (50ºF to 104ºF).
Humidity:
90% (non-condensing) max.
Mechanical
Weight:
4.5 kg. (10 lbs) per chassis.
Dimensions:
44 mm x 432 mm x 384 mm
(1¾" x 17" x 15")
(H x W x D).
Companion Products
250 feet
TP1 BT
250 feet
TP1 BT
250 feet TP1
250 feet TP1
+
+



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com