Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14C335 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C335
Description  3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C335 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS14C335 Datasheet HTML 1Page - National Semiconductor (TI) DS14C335 Datasheet HTML 2Page - National Semiconductor (TI) DS14C335 Datasheet HTML 3Page - National Semiconductor (TI) DS14C335 Datasheet HTML 4Page - National Semiconductor (TI) DS14C335 Datasheet HTML 5Page - National Semiconductor (TI) DS14C335 Datasheet HTML 6Page - National Semiconductor (TI) DS14C335 Datasheet HTML 7Page - National Semiconductor (TI) DS14C335 Datasheet HTML 8Page - National Semiconductor (TI) DS14C335 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DS14C335
+3.3V Supply TIA/EIA-2323x5 Driver/Receiver
General Description
The DS14C335 is three driver, five receiver device which
conforms to TIA/EIA-232-E and CCITT V.28 standard speci-
fications. This device employs an internal DC-DC converter
to generate the necessary output levels from a +3.3V power
supply. A SHUTDOWN (SD) mode reduces the supply cur-
rent to 10 µA maximum. In the SD mode, one receiver is ac-
tive, allowing ring indicator (RI) to be monitored. PC Board
space consumption is minimized by the availability of Shrink
Small Outline Packaging (SSOP).
This device’s low power requirement and small footprint
makes it an ideal choice for Laptop and Notebook applica-
tions.
Features
n
Conforms to TIA/EIA-232-E and CCITT V.28
specifications
n
Operates with single +3.3V power supply
n
Low power requirement — I
CC 20 mA maximum
n
SHUTDOWN mode — I
CX 10 µA maximum
n
One Receiver (R5) active during SHUTDOWN
n
Operates up to 128 kbps — Lap-Link® Compatible
n
Flow through pinout
n
4V/µs minimum Slew Rate guaranteed
n
Inter-operates with +5V UARTs
n
Available in 28-lead SSOP EIAJ Type II package
Connection Diagram
Functional Diagram
Lap-Link® is a registered trademark of Traveling Software.
DS14C335
DS011734-1
Order Number DS14C335MSA
See NS Package Number MSA28
DS011734-2
March 2000
© 2000 National Semiconductor Corporation
DS011734
www.national.com


Similar Part No. - DS14C335

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS14C335 TI-DS14C335 Datasheet
877Kb / 16P
DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C335 TI1-DS14C335 Datasheet
897Kb / 16P
3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C335MSA TI-DS14C335MSA Datasheet
877Kb / 16P
DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C335MSA TI1-DS14C335MSA Datasheet
897Kb / 16P
3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C335MSA/NOPB TI1-DS14C335MSA/NOPB Datasheet
897Kb / 16P
3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
More results

Similar Description - DS14C335

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
EIA/TIA-232 5 Driver x 3 Receiver
DS14C241 NSC-DS14C241 Datasheet
158Kb / 8P
Single Supply TIA/EIA-232 4 x 5 Driver/Receiver
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
DSV14196 NSC-DSV14196 Datasheet
153Kb / 9P
3.3V Supply EIA/TIA-232 5 Driver x 3 Receiver
DS14C239 NSC-DS14C239 Datasheet
120Kb / 8P
Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C335MSAX TI-DS14C335MSAX Datasheet
877Kb / 16P
DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14185WMX TI1-DS14185WMX Datasheet
900Kb / 15P
DS14185 EIA/TIA-232 3 Driver x 5 Receiver
DS14C335 TI1-DS14C335_15 Datasheet
897Kb / 16P
3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com