Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-50508N Datasheet(PDF) 2 Page - CUI INC

Part # CSS-50508N
Description  380 Hz resonant frequency
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CSS-50508N Datasheet(HTML) 2 Page - CUI INC

  CSS-50508N Datasheet HTML 1Page - CUI INC CSS-50508N Datasheet HTML 2Page - CUI INC CSS-50508N Datasheet HTML 3Page - CUI INC CSS-50508N Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
CUI Inc
│ MODEL: CSS-50508N │ DESCRIPTION: SPEAKER
date 06/23/2016
│ page 2 of 4
MECHANICAL DRAWING
Frequency Response.Magn dB re 20.00 PA (at 0.25 W / 0.5 m)
units: mm
tolerance: ±0.2 mm
FREQUENCY RESPONSE CURVE
For more information, please visit the product page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com