Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

220AMB10 Datasheet(PDF) 2 Page - CTS Corporation

Part # 220AMB10
Description  Rotary DIP Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

220AMB10 Datasheet(HTML) 2 Page - CTS Corporation

  220AMB10 Datasheet HTML 1Page - CTS Corporation 220AMB10 Datasheet HTML 2Page - CTS Corporation 220AMB10 Datasheet HTML 3Page - CTS Corporation 220AMB10 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CTS SERIES 220AM_10,16R - Surface Mount Gull Wing, 10 and 16 Position
PCB LAYOUT
CTS Electrocomponents
www.ctscorp.com
/16/15
CTS SERIES 220AD_10,16 - Standard Through Hole, 10 and 16 Position
0.70W x 2.75L x 1.05D
7.20
9.50
10.50
3.00
7.20
2.15
2.54
2.54
6-0.50
7.62
0.15
6- Ø 0.80
+0.10
- 0
HOLES
3.00
Ø
0.10
0.60
7.62
0.50
0.15
2 - 4
DIMENSION : mm
STANDARD TOLERANCE :
.XX (2 PLACE) : ±0.30
DIMENSION : mm
STANDARD TOLERANCE :
.XX (2 PLACE) : ±0.30
Dot indicates terminal to
common connection. All switches
are continuous rotation.
10 Position - Numbered 0 through 9
16 Position - Numbered 0 through F
Dot indicates terminal to
common connection. All switches
are continuous rotation.
10 Position - Numbered 0 through 9
16 Position - Numbered 0 through F
CODE TABLE
CODE TABLE
© 2015 CTS Corporation. All rights reserved. Information subject to change.
9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com