Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-1021028N Datasheet(PDF) 1 Page - CUI INC

Part # CSS-1021028N
Description  Nd-Fe-B magnet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CSS-1021028N Datasheet(HTML) 1 Page - CUI INC

  CSS-1021028N Datasheet HTML 1Page - CUI INC CSS-1021028N Datasheet HTML 2Page - CUI INC CSS-1021028N Datasheet HTML 3Page - CUI INC CSS-1021028N Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 06/22/2016
page 1 of 4
cui.com
MODEL: CSS-1021028N
│ DESCRIPTION: SPEAKER
FEATURES
• 107 dB SPL
• 10 W input
• Nd-Fe-B magnet
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
input power
maximum power: IEC-60268-5, filter 60s on/120s
off, 10 cycles at room temp
10
12
W
impedance
at 800 Hz
6.8
8
9.2
resonant frequency (Fo)
at 1.0 V
92
115
138
Hz
frequency response
output SPL -10 dB
Fo
7,800
Hz
sound pressure level
at 1 W, 0.1 m ave, at 1.0, 1.4, 1.7, 2.0 kHz
104
107
110
dB
distortion
at 1.0 kHz, 1 W
10
%
buzz, rattle, etc.
must be normal at sine wave between
Fo ~ 20,000 Hz
8.94
V
dimensions
102 x 102 x 35.5
mm
magnet
Nd-Fe-B
material
metal
cone material
paper cone & foam edge
terminal
solder terminals
weight
208
g
operating temperature
-20
55
°C
storage temperature
-30
70
°C
RoHS
2011/65/EU
Notes:
1. All specifications measured at 15~35°C, humidity at 45~85%, under 86~106 kPa pressure, unless otherwise noted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for 3 ±1 seconds
360
370
380
°C
For more information, please visit the product page.


Similar Part No. - CSS-1021028N

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CSS-1021028N CUID-CSS-1021028N Datasheet
1,017Kb / 4P
SPEAKER
08/05/2022
More results

Similar Description - CSS-1021028N

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
M02 MEDER-M02 Datasheet
75Kb / 1P
Magnet
M05 MEDER-M05 Datasheet
121Kb / 1P
Magnet
M12 MEDER-M12 Datasheet
104Kb / 1P
Magnet
M13 MEDER-M13 Datasheet
109Kb / 1P
Magnet
M21P-1 MEDER-M21P-1 Datasheet
118Kb / 1P
Magnet
M21P-2 MEDER-M21P-2 Datasheet
103Kb / 1P
Magnet
logo
ams AG
AS5000-MD6H-1 AMSCO-AS5000-MD6H-1 Datasheet
152Kb / 1P
magnet
logo
Pepperl+Fuchs Inc.
DM06-05NDFEB PF-DM06-05NDFEB Datasheet
293Kb / 2P
Magnet
DM60-31-15 PF-DM60-31-15 Datasheet
660Kb / 2P
Magnet
logo
Kemet Corporation
ND10X3N21 KEMET-ND10X3N21 Datasheet
322Kb / 6P
ND Disc Shape Piezoelectric Transducers
1/24/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com