Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2D12 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2D12
Description  General Purpose Type Distance Measuring Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2D12 Datasheet(HTML) 2 Page - Sharp Corporation

  GP2D12 Datasheet HTML 1Page - Sharp Corporation GP2D12 Datasheet HTML 2Page - Sharp Corporation GP2D12 Datasheet HTML 3Page - Sharp Corporation GP2D12 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GP2D12/GP2D15
Fig.1 Internal Block Diagram
Fig.2 Internal Block Diagram
s Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Distance measuring range
Output terminal voltage
Difference of output voltage
∆L
0.4
−
−
2.0
33
Vcc
−0.3
−
−
10
0.25
−
cm
mA
Distance characteristics of output
VO
VOH
∆VO
VOL
VO
ICC
L
=80cm
Output voltage at High
Output voltage at Low
Output change at L
=80cm to 10cm
L
=80cm
0.55
−
0.6
80
V
V
Average Dissipation current
1.75
2.25
24
21
27
50
V
V
cm
(Ta
=25°C, VCC=5V)
GP2D12
GP2D15
GP2D12
GP2D15
*1 Using reflective object : White paper (Made by Kodak Co. Ltd. gray cards R-27
⋅ white face, reflective ratio ; 90%).
*2 We ship the device after the following adjustment : Output switching distance L
=24cm±3cm must be measured by the sensor.
*3 Distance measuring range of the optical sensor system.
*4 Output switching has a hysteresis width. The distance specified by Vo should be the one with which the output L switches to the output H.
*1 *3
*1
*1
*1
*1
*4
*2
*1
*1
Note) L : Distance to reflective object.
Signal
processing
circuit
Voltage
regulator
Output
circuit
Oscillation
circuit
LED drive
circuit
VCC 5V
Vo
Analog output
GND
PSD
LED
Distance measuring IC
GP2D12
Signal
processing
circuit
LED drive
circuit
VCC 5V
Vo
Digital output
GND
PSD
LED
GP2D15
VCC
12k
Ω
Voltage
regulator
Output
circuit
Oscillation
circuit
Distance measuring IC
Fig.3 Timing Chart
5.0ms
MAX.(GP2D12)
7.6ms
±1.9msTYP.(GP2D15)
38.3ms
±9.6ms
VO (Output)
Distance
measuring
operation
First measurment
Second
measurment
nth
measurment
Unstable output
First output
Second output
nth output
VCC
(Power supply)
s Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
VCC
4.5 to
+5.5
V
Operating supply voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com