Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14C232J/883 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C232J/883
Description  Low Power 5V Powered TIA/EIA-232 Dual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C232J/883 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS14C232J/883 Datasheet HTML 2Page - National Semiconductor (TI) DS14C232J/883 Datasheet HTML 3Page - National Semiconductor (TI) DS14C232J/883 Datasheet HTML 4Page - National Semiconductor (TI) DS14C232J/883 Datasheet HTML 5Page - National Semiconductor (TI) DS14C232J/883 Datasheet HTML 6Page - National Semiconductor (TI) DS14C232J/883 Datasheet HTML 7Page - National Semiconductor (TI) DS14C232J/883 Datasheet HTML 8Page - National Semiconductor (TI) DS14C232J/883 Datasheet HTML 9Page - National Semiconductor (TI) DS14C232J/883 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Parameter Measurement Information (Continued)
Pin Descriptions
V
CC (Pin 16)
Power supply pin for the device, +5V (±10%).
V+ (Pin 2)
Positive supply for TIA/EIA-232-E drivers. Recommended
external capacitor: C4-1.0 µF (6.3V). Capacitor value should
be larger than 1 µF. This supply is not intended to be loaded
externally.
V− (Pin 6)
Negative supply for TIA/EIA-232-E drivers. Recommended
external capacitor: C3-1.0 µF (16V). Capacitor value should
be larger than 1 µF. This supply is not intended to be loaded
externally.
C1+, C1− (Pins 1, 3)
External capacitor connection pins. Recommended capaci-
tor: 1.0 µF (6.3V). Capacitor value should be larger than
1µF.
C2+, C2− (Pins 4, 5)
External capacitor connection pins. Recommended capaci-
tor: 1.0 µF (16V). Capacitor value should be greater than
1µF.
D
IN1, DIN2 (Pins 11, 10)
Driver input pins are TTL/CMOS compatible. Inputs of un-
used drivers may be left open, an internal active pull-up re-
sistor (500 k
Ω minimum, typically 5 MΩ) pulls input HIGH.
Output will be LOW for open inputs.
D
OUT1, DOUT2 (Pins 14, 7)
Driver output pins conform to TIA/EIA-232-E levels.
R
IN1, RIN2 (Pins 13, 8)
Receiver input pins accept TIA/EIA-232-E input voltages
(±25V). Receivers feature a noise filter and guaranteed hys-
teresis of 100 mV. Unused receiver input pins may be left
open. Internal input resistor 4.7 k
Ω pulls input low, providing
a failsafe high output.
R
OUT1, ROUT2 (Pins 12, 9)
Receiver output pins are TTL/CMOS compatible. Receiver
output HIGH voltage is specified for both CMOS and TTL
load conditions.
GND (Pin 15)
Ground Pin.
DS010744-5
FIGURE 3. Receiver Load Circuit
DS010744-6
FIGURE 4. Receiver Propagation Delays and Noise Rejection (Note 4)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com