Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14C535 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C535
Description  5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C535 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS14C535 Datasheet HTML 1Page - National Semiconductor (TI) DS14C535 Datasheet HTML 2Page - National Semiconductor (TI) DS14C535 Datasheet HTML 3Page - National Semiconductor (TI) DS14C535 Datasheet HTML 4Page - National Semiconductor (TI) DS14C535 Datasheet HTML 5Page - National Semiconductor (TI) DS14C535 Datasheet HTML 6Page - National Semiconductor (TI) DS14C535 Datasheet HTML 7Page - National Semiconductor (TI) DS14C535 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS14C535
+5V Supply EIA/TIA-2323x5 Driver/Receiver
General Description
The DS14C535 is three driver, five receiver device which
conforms to EIA/TIA-232-E and CCITT (ITU-T) V.28 stan-
dard specifications. This device employs an internal DC-DC
converter to generate the necessary output levels from a
+5V power supply. A SHUTDOWN (SD) mode reduces the
supply current to 10 µA maximum. In the SD mode, one re-
ceiver is active, allowing ring indicator (RI) to be monitored.
PC Board space consumption is minimized by the availability
of Shrink Small Outline Packaging (SSOP).
The DS14C535 provides a one-chip solution for the common
9-pin serial RS-232 interface between data terminal and
data circuit-terminating equipment.
This device allows an easy migration path to the 3.3V
DS14C335. The packages are the same. The N/C pins on
the DS14C535 are not physically connected to the chip.
Board layout for the DS14C335 will accommodate both de-
vices.
This device’s low power requirement and small footprint
makes it an ideal choice for Laptop and Notebook applica-
tions.
Features
n Pin compatible with DS14C335
n Conforms to EIA/TIA-232-E and CCITT (ITU-T) V.28
specifications
n Failsafe receiver outputs high when inputs open
n Operates with single +5V power supply
n Low power requirement — ICC 12 mA maximum
n SHUTDOWN mode — ICX 10 µA maximum
n One Receiver (R5) active during SHUTDOWN
n Operates up to 128 kbps — Lap-Link® Compatible
n 4V/µs minimum Slew Rate guaranteed
n ESD rating of 3 kV on all pins (H, B, M)
n Available in 28-lead SSOP EIAJ Type II package
n Only four 0.1 µF capacitors required for the DC-DC
converter
Connection Diagram
Functional Diagram
Lap-Link® is a registered trademark of Traveling Software Inc.
DS14C535
DS011910-1
Order Number DS14C535MSA
See NS Package Number MSA28
DS011910-2
May 1998
© 1999 National Semiconductor Corporation
DS011910
www.national.com


Similar Part No. - DS14C535

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS14C535 TI1-DS14C535 Datasheet
794Kb / 14P
5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
DS14C535MSA/NOPB TI1-DS14C535MSA/NOPB Datasheet
794Kb / 14P
5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
DS14C535MSAX/NOPB TI1-DS14C535MSAX/NOPB Datasheet
794Kb / 14P
5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
More results

Similar Description - DS14C535

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
EIA/TIA-232 5 Driver x 3 Receiver
DS14C241 NSC-DS14C241 Datasheet
158Kb / 8P
Single Supply TIA/EIA-232 4 x 5 Driver/Receiver
DS14C335 NSC-DS14C335 Datasheet
179Kb / 9P
3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DSV14196 NSC-DSV14196 Datasheet
153Kb / 9P
3.3V Supply EIA/TIA-232 5 Driver x 3 Receiver
DS14C239 NSC-DS14C239 Datasheet
120Kb / 8P
Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C335MSAX TI-DS14C335MSAX Datasheet
877Kb / 16P
DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14185WMX TI1-DS14185WMX Datasheet
900Kb / 15P
DS14185 EIA/TIA-232 3 Driver x 5 Receiver
DS14C335 TI1-DS14C335_15 Datasheet
897Kb / 16P
3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com