Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH4D29LDNP-3R3PC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH4D29LDNP-3R3PC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D29LDNP-3R3PC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH4D29LDNP-3R3PC Datasheet HTML 1Page - Sumida Corporation CDRH4D29LDNP-3R3PC Datasheet HTML 2Page - Sumida Corporation CDRH4D29LDNP-3R3PC Datasheet HTML 3Page - Sumida Corporation CDRH4D29LDNP-3R3PC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH4D29/LD
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The DC current at which the inductance decreases to 65% of its nominal value.
※3. Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
0.58
0.24
0.29
523(418)
100
±20%
101
CDRH4D29LDNP-101MC
0.62
0.27
0.32
474(379)
82.0
±20%
820
CDRH4D29LDNP-820MC
0.75
0.30
0.36
355(284)
68.0
±20%
680
CDRH4D29LDNP-680MC
0.95
0.36
0.41
238(190)
47.0
±20%
470
CDRH4D29LDNP-470MC
1.00
0.4
0.46
218(174)
39.0
±20%
390
CDRH4D29LDNP-390MC
1.05
0.43
0.52
190(152)
33.0
±20%
330
CDRH4D29LDNP-330MC
1.35
0.53
0.65
122(97.6)
22.0
±20%
220
CDRH4D29LDNP-220MC
1.70
0.62
0.72
93.0(74.4)
15.0
±20%
150
CDRH4D29LDNP-150MC
1.85
0.76
0.90
71.6(57.3)
10.0
±20%
100
CDRH4D29LDNP-100MC
2.20
0.85
1.00
53.3(42.6)
8.2
±25%
8R2
CDRH4D29LDNP-8R2PC
2.30
0.95
1.15
49.3(39.4)
6.8
±25%
6R8
CDRH4D29LDNP-6R8PC
2.40
1.00
1.20
45.9(36.7)
5.6
±25%
5R6
CDRH4D29LDNP-5R6PC
2.80
1.10
1.30
35.4(28.3)
4.7
±25%
4R7
CDRH4D29LDNP-4R7PC
3.20
1.30
1.60
29.5(23.6)
3.3
±25%
3R3
CDRH4D29LDNP-3R3PC
4.10
1.70
2.00
20.1(16.1)
2.2
±25%
2R2
CDRH4D29LDNP-2R2PC
4.50
2.00
2.40
18.0(14.4)
1.5
±25%
1R5
CDRH4D29LDNP-1R5PC
5.40
2.50
3.00
13.9(11.1)
0.8
±25%
R80
CDRH4D29LDNP-R80PC
at 105
℃
at 20
℃
Temperature
Rise Current
(A)
※3
Saturation Current
(A)※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(μH)
[ within ]
※1
Stamp
Part Name



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com