Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH3D23NP-R47NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH3D23NP-R47NC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH3D23NP-R47NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH3D23NP-R47NC Datasheet HTML 1Page - Sumida Corporation CDRH3D23NP-R47NC Datasheet HTML 2Page - Sumida Corporation CDRH3D23NP-R47NC Datasheet HTML 3Page - Sumida Corporation CDRH3D23NP-R47NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH3D23
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.55
0.25
0.35
546(441)
47.0
±20%
M
CDRH3D23NP-470MC
0.60
0.35
0.50
381(307)
33.0
±20%
L
CDRH3D23NP-330MC
0.75
0.40
0.55
270(219)
22.0
±20%
K
CDRH3D23NP-220MC
0.85
0.50
0.70
191(154)
15.0
±20%
J
CDRH3D23NP-150MC
1.40
0.60
0.85
117(95)
10.0
±20%
I
CDRH3D23NP-100MC
1.60
0.70
0.95
94.8(77)
8.2
±25%
H
CDRH3D23NP-8R2PC
1.70
0.75
1.00
87.8(72)
6.8
±25%
G
CDRH3D23NP-6R8PC
1.80
0.80
1.10
75.0(60)
5.6
±25%
F
CDRH3D23NP-5R6PC
1.90
0.95
1.30
68.8(55)
4.7
±25%
E
CDRH3D23NP-4R7PC
2.20
1.10
1.45
56.3(45)
3.3
±25%
D
CDRH3D23NP-3R3PC
2.50
1.30
1.80
38.3(31)
2.2
±25%
C
CDRH3D23NP-2R2PC
2.90
1.65
2.20
29.0(24)
1.5
±25%
B
CDRH3D23NP-1R5PC
3.10
2.00
2.80
25.0(20)
1.0
±25%
A
CDRH3D23NP-1R0PC
3.30
2.40
3.10
23.5(18.8)
0.47
±30%
A
CDRH3D23NP-R47NC
at 105
℃
at 20
℃
Temperature
Rise Current
(A)
※3
Saturation Current
( A )
※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH )
[within]
※1
Stamp
Part Name



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com