Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH3D16NP-R47NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH3D16NP-R47NC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH3D16NP-R47NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH3D16NP-R47NC Datasheet HTML 1Page - Sumida Corporation CDRH3D16NP-R47NC Datasheet HTML 2Page - Sumida Corporation CDRH3D16NP-R47NC Datasheet HTML 3Page - Sumida Corporation CDRH3D16NP-R47NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH3D16
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Rated current: The DC current at which the inductance decreases to 65% of its nominal value or when △t=30℃,
whichever is lower (Ta=20
℃).
0.32
675(520)
33
±30%
CDRH3D16NP-330NC
0.40
430(330)
22
±30%
CDRH3D16NP-220NC
0.45
295(225)
15
±30%
CDRH3D16NP-150NC
0.55
210(160)
10
±30%
CDRH3D16NP-100NC
0.73
170(130)
6.8
±30%
CDRH3D16NP-6R8NC
0.90
105( 80)
4.7
±30%
CDRH3D16NP-4R7NC
1.10
85( 65)
3.3
±30%
CDRH3D16NP-3R3NC
1.20
72( 55)
2.2
±30%
CDRH3D16NP-2R2NC
1.55
52( 40)
1.5
±30%
CDRH3D16NP-1R5NC
1.90
50( 38)
1.1
±35%
CDRH3D16NP-1R1NC
2.25
43( 33)
0.7
±35%
CDRH3D16NP-0R7NC
2.75
35( 27)
0.47
±35%
CDRH3D16NP-R47NC
3.60
27.5(21)
0.26
±35%
CDRH3D16NP-R26NC
Rated Current
(A)
※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part Name



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com