Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBC9017 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LBC9017
Description  PCI/ISA Single Board Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LBC9017 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LBC9017 Datasheet HTML 1Page - List of Unclassifed Manufacturers LBC9017 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCI/ISA Single Board Computer
LBC-9017
• Intel® LV Xeon™ / Xeon™ Processor
to 3.06GHz with 512KB L2 Cache
• Intel® E7501 Chipset with
400/533MHz FSB
• Up to 4GB DDR200/266 SDRAM
• Video with 8MB for CRT and LVDS
Flat Panel
• Dual Gigabit Ethernet
• Ultra ATA/100 EIDE and FDD
• Optional Ultra320 SCSI
• USB, Serial, and Parallel Ports
• ISA/PCI/PCI-X Bus Support
Diversified Technology's LBC-9017 Intel Xeon processor-based PICMG® compliant passive backplane SBC
has 4GB DDR memory, dual Gigabit Ethernet ports, optional Ultra320 SCSI and supports ISA/PCI/PCI-X
busses.
The LBC-9017 features an Intel Xeon or Low Voltage Xeon processor with high performance NetBurst™ Micro-
Architecture and Hyper-Threading technology, 512KB 8-way set associative L2 cache running at full processor core
speed, Intel E7501 chipset with 400/533MHz high throughput front side (system) bus, and up to 4GB Double Data
Rate (DDR200/266) DIMMs on two sockets. Onboard are a high performance graphics controller with concurrent,
independent CRT and LVDS display, dual 10/100/1000Base-TX Ethernet auto-negotiating controllers, PCI Ultra
ATA/100 IDE interface, as well as Universal Serial Bus (USB 1.1) ports, serial/parallel ports, and floppy drive interface.
An Ultra320 SCSI LVD/SE daughter card on a Hub Link 2.0 1GB/s bus is optional. A 12V power connector is provid-
ed; 3.3V from the backplane is not required.
The LBC-9017 supports onboard PCI and PCI-X (used by GbE) busses as well as an off-board 32-bit/33MHz or 64-
bit/66MHz PCI buss. A PCI to ISA bridge supports ISA bus mastering with up to 20-slot drive capability.
The AMI BIOS, in field upgradeable Flash ROM, supports peripheral enable/disable, serial/parallel port re-map-
ping/disable, and is PnP compliant. Other features include a hardware monitor (voltages, temperature, and fan),
three-stage programmable watchdog timer, diagnostic LEDs, and a 2 year limited warranty.
3GHz Xeon Hyper-Threading compute performance, server class chipset and large DDR226 memory size make
Diversified Technology's LBC-9017 industrial PC the perfect choice for application developers addressing data inten-
sive broadcast/media, wireline and wireless datacom/telecom, messaging/IVR/CTI, industrial control & automation,
medical/imaging, and COTS defense/aerospace markets.
www.dtims.com
1.800.443.2667
Rev. 1.3
August 18, 2004
All trademarks and tradenames are the property of their respective owners.


Similar Part No. - LBC9017

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
LBC-012 OMEGA-LBC-012 Datasheet
1Mb / 3P
High-Accuracy Stainless Steel Cantilever Beams
LBC-034 OMEGA-LBC-034 Datasheet
1Mb / 3P
High-Accuracy Stainless Steel Cantilever Beams
logo
MicroPower Direct, LLC
LBC-100 MPD-LBC-100 Datasheet
1Mb / 4P
100W Output Power
LBC-100-1600x MPD-LBC-100-1600x Datasheet
1Mb / 4P
100W Output Power
LBC-100-1750x MPD-LBC-100-1750x Datasheet
1Mb / 4P
100W Output Power
More results

Similar Description - LBC9017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC-2325 ETC2-EPC-2325 Datasheet
147Kb / 4P
PCI/ISA Single Board Computer
logo
BOSER Technology Co., L...
HS-7238S BOSER-HS-7238S_1 Datasheet
3Mb / 88P
Pentium짰 4 PCI-ISA Bus Industrial Single Board Computer
HS-7238 BOSER-HS-7238_1 Datasheet
3Mb / 74P
Intel짰 Pentium짰 4 processor PCI-ISA Bus Single Board Computer
HS-7239 BOSER-HS-7239 Datasheet
5Mb / 84P
Pentium짰 M/ Celeron짰 M PCI-ISA Bus Industrial Single Board Computer
HS-7250 BOSER-HS-7250_1 Datasheet
2Mb / 54P
Intel짰 Pentium짰 M/Celeron짰M/ ULV Intel짰 Celeron짰 M processor PCI-ISA/ISA Bus Single Board Computer
logo
Advantech Co., Ltd.
PCA-6104-0C2E ADVANTECH-PCA-6104-0C2E Datasheet
131Kb / 1P
PCI/ISA Backplanes
logo
List of Unclassifed Man...
VL-EPMP-34S ETC2-VL-EPMP-34S Datasheet
620Kb / 2P
PCI -104 Single Board Computer
logo
Adlink Technology Inc.
CMX-SLX ADLINK-CMX-SLX Datasheet
644Kb / 4P
PCI/104-Express Type 1 Single Board Computer
CM3-BT1 ADLINK-CM3-BT1 Datasheet
551Kb / 4P
Extreme Rugged PCI-104 Single Board Computer
CM3-BT4 ADLINK-CM3-BT4 Datasheet
551Kb / 4P
Extreme Rugged PCI-104 Single Board Computer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com