Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM-STR4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LTM-STR4
Description  4-Channel Webcasting Video and Audio Signal Conditioner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LTM-STR4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LTM-STR4 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
800-898-0759 • 845-339-9555 • 2000 Sterling Road • Mount Marion, NY 12456 • www.lairdtelemedia.com
MECHANICAL DATA
Video Inputs:
4 - 75
Ω Balanced Video 1Vp-p terminated into 75Ω: 4-Pin S-Video connectors
Composite Video: 4-Pin S-Video to BNC video adapter provided
Audio Inputs:
4 - Stereo Balanced XLR Female 1.023Vp-p into 600
Ω
Video Outputs:
4 - 75
Ω Line driver with gain/EQ 1Vp-p into 75Ω: 4-Pin S-Video connectors
Composite Video: 4-Pin S-Video to BNC video adapter provided
Audio Outputs:
4 - Stereo 10K
Ω unbalanced audio at 1.023V unity: RCA Phono connectors
Indicators:
Front Panel LED: Video Presence
Front Panel LED: Audio Presence
POWER:
110/240 Volt 50/60Hz Mains AC selectable.
SIZE:
19”W X 3.5”H X 9”D EIA rackmount Cabinet
WEIGHT:
14 Lbs. less shipping carton
VIDEO PERFORMANCE
Bandwidth:
DC-70Mhz
Hum Rejection:
Better than 65dB
Return Loss:
Below 18dB
S/N Ratio:
65dB
AUDIO PERFORMANCE
Distortion:
<0.05%
Hum Rejection:
Better than 65dB
Crosstalk:
110dB Isolation
S/N Ratio:
65dB at specified test center frequency
Mode Noise Rejection:
Better than 110dB
SPECIFICATIONS
Baseband analog audio and video signals can become noisy with hum, ingress noise and other unwanted parasitic and redundant signals. Noisy signals are
the enemy to all digital processors causing crashes, spurious images or audio pops on your webcast. The LTM-STR4 is an internet signal conditioner for the
most demanding webcasting applications. The Laird LTM-STR4 Stream Cleaner is designed to work in conjunction with other Laird Raging Stream products
such as the LTM-RS2AP or it may work as a stand alone unit with other compatible equipment.
The LTM-STR4 acts as a signal sentry to continuously filter and clean all A/V signals entering the unit. This constant cleansing process delivers coherent sig-
nals to your streaming platform allowing your computer to work faster and more efficiently because it won’t be dealing with noise. The LTM-STR4 uses a
high performance optical encoding conversion technology to eliminate standard and baseband mode noise in audio and video signals leaving the original
signal clean and intact.
Since noise problems are common in long-line runs, the LTM-STR4 has built-in buffered line receivers and output line drivers for YC/Composite video and
audio. The LTM-STR4 operates in 110/220 Volts anywhere in the world. Operates in NTSC, PAL, PAL-M, PAL-N and SECAM.
LTM-STR4
4-Channel Webcasting
Video and Audio Signal Conditioner


Similar Part No. - LTM-STR4

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTM-0124M-01 LITEON-LTM-0124M-01 Datasheet
1Mb / 10P
LED Display
LTM-0137M LITEON-LTM-0137M Datasheet
1Mb / 12P
LED Display
LTM-0215F LITEON-LTM-0215F Datasheet
704Kb / 12P
LED Display
LTM-0305M-01 LITEON-LTM-0305M-01 Datasheet
530Kb / 16P
LED Display
LTM-0415G LITEON-LTM-0415G Datasheet
785Kb / 16P
LED Display
More results

Similar Description - LTM-STR4

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
Video and Audio Signal-Processing IC
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
VIDEO AND AUDIO SIGNAL-PROCESSING IC
logo
Vitesse Semiconductor C...
VSC8228 VITESSE-VSC8228 Datasheet
231Kb / 2P
Dual Channel Multirate Signal Conditioner and Retimer
logo
STMicroelectronics
STV6419 STMICROELECTRONICS-STV6419 Datasheet
101Kb / 4P
Low-cost audio/video switch and 4-channel SD video filter
06-Oct-2011
logo
Analog Devices
HMC7545 AD-HMC7545 Datasheet
95Kb / 2P
14.2 Gbps Asynchronous 4-Channel Signal Conditioner
Rev. Sp0
logo
Davicom Semiconductor, ...
DM5865 DAVICOM-DM5865 Datasheet
68Kb / 3P
4-Channel 720H Video Decoders and Audio Codecs
DM5866 DAVICOM-DM5866 Datasheet
66Kb / 3P
4-Channel 960H Video Decoders and Audio Codecs
DM5885 DAVICOM-DM5885 Datasheet
71Kb / 3P
4-Channel Video Decoders and Mixer and Audio Codecs
DM5886 DAVICOM-DM5886 Datasheet
73Kb / 3P
4-Channel 960H Video Decoders and Mixer and Audio Codecs
logo
Renesas Technology Corp
TW2866 RENESAS-TW2866 Datasheet
122Kb / 2P
4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com