Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3301 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCP3301
Description  Matched Microchannel Plate Set
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MCP3301 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCP3301 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCP3301 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
PHYSICAL CHARACTERISTICS for single plate:
DIAMETER ......................................................... 33 mm
ACTIVE DIAMETER ............................................. 25 mm
THICKNESS ........................................................ 0.317 mm
FLATNESS .......................................................... <+.015mm
PORE SIZE .......................................................... 5
mm
CENTER-TO-CENTER SPACING ............................ 5.8
mm
BIAS ANGLE ...................................................... 12°
L/D RATIO .......................................................... 56:1
OPEN AREA RATIO ............................................. 58%
ELECTRICAL CHARACTERISTICS for matched set:
GAIN @ 2400 VOLTS ......................................... 8 x 107
RESISTANCE ...................................................... 75 M
W
PULSE WIDTH .................................................... 1 ns, depending upon
......................................................................... detector impedance
MAXIMUM COUNT RATE .................................. 10 MHz
DARK COUNT RATE ........................................... *5 counts/sec./cm2 @ 2.0kV
PULSE HEIGHT RATIO ......................................... 70-100%
* measurement based on a chevron pair
Export of this product is
regulated by the U.S. Dept. of
State in accordance with
guidelines of “International
Traffic in Arms Regulations
(ITAR)” per Title 22, Code of
Federal Regulations, Parts 120-
130. Approved for Unlimited
Public Release per 02-S-0323
Form 519B-0203
© 2003 K and M Electronics, Inc. , a
Subsidiary of ITT Industries, Inc. All rights
reserved. Specifications subject to
change without notice and are believed
to be reliable; however, should not be
construed as a warranty of performance
and no express or implied warranty is
made with respect to same.
11 Interstate Drive
West Springfield, MA 01089-4531 USA
(413) 263-6200 • 800-442-4334 • fax: (413) 737-0608
http://www.kandm.com
K and M Electronics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com