Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9071S/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM9071S/NOPB
Description  Low-Dropout System Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9071S/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM9071S/NOPB Datasheet HTML 3Page - Texas Instruments LM9071S/NOPB Datasheet HTML 4Page - Texas Instruments LM9071S/NOPB Datasheet HTML 5Page - Texas Instruments LM9071S/NOPB Datasheet HTML 6Page - Texas Instruments LM9071S/NOPB Datasheet HTML 7Page - Texas Instruments LM9071S/NOPB Datasheet HTML 8Page - Texas Instruments LM9071S/NOPB Datasheet HTML 9Page - Texas Instruments LM9071S/NOPB Datasheet HTML 10Page - Texas Instruments LM9071S/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LM9071
www.ti.com
SNVS131D – DECEMBER 1999 – REVISED APRIL 2013
An output bypass capacitor of at least 10
μF is required for stability (47 μF is recommended). The ESR of this
capacitor should be less than 3
Ω. An input capacitor of 1 μF or larger is recommended to improve line transient
and noise performance.
Conventional load dump protection is built in to withstand up to +60V and
−50V transients. Protection against
reverse polarity battery connections is also built in. With a reversed battery connection the output of the LM9071
will not go more negative than one diode drop below ground. This will prevent damage to any of the 5V load
circuits.
RESET FLAG
Excessive loading of the output to the point where the output voltage drops by 300 mV to 500 mV will signal a
reset flag to the micro. This will warn of a VCC supply that may produce unpredictable operation of the system.
On power-up and recovery from a fault condition the delay capacitor is used to hold the micro in a reset condition
for a programmable time interval to allow the system operating voltages and clock to stabilize before executing
code. The delay time interval can be estimated by the following equation:
(1)
INPUT STABILITY
Low dropout voltage regulators which utilize a PNP power transistor usually exhibit a large increase in current
when in dropout (VIN < 5.5V). This increase is caused by the saturation characteristics (β reduction) of the PNP
transistor. To significantly minimize this increase in current the LM9071 detects when the PNP enters saturation
and reduces the operating current.
This reduction in input current can create a stability problem in applications with higher load current (> 100 mA)
where the input voltage is applied through a long length of wire, which in effect adds a significant amount of
inductance in series with the input. The drop in input current may create a positive input voltage transient which
may take the PNP out of saturation. If the input voltage is held constant at the threshold where the PNP is going
in and out of saturation, an oscillation may be created.
This is only observed where a large series inductance is present in the input supply line and when the rise and
fall time of the input supply is very slow. If the application and removal of the input voltage changes at a rate
greater than 500 mV/
μs it will move through the dropout region of the regulator (VIN of 3V to 5.5V) too quickly for
an oscillation to be established.
THERMAL MANAGEMENT
The LM9071 is packaged in both a TO-263 surface mount power package and a narrow lead-pitch TO-220
package. To obtain operation over the highest possible load current and input voltage ranges, care must be
taken to control the operating temperature of the device. Thermal shutdown protection is built in, with a threshold
above 150°C. Conventional heat-sinking techniques can be used with the TO-220 package. When applying the
TO-263 package, on board heat-sinking is important to prevent premature thermal shutdown. More copper foil
area under the tab of the device will directly improve the operating
θJ-A of the TO-263 package, which will reduce
the junction temperature of the device.
The
θJ-A value for the TO-263 package (still air, no additional heat sink) is rated at 80°C/W. The effective θJ-A
value of the TO-263 package can be reduced by increasing the printed circuit board area that is connected
(soldered) to the package tab. Using 1 ounce (1.4 mils thick) copper clad with no solder mask, an area of 0.5
square inches will reduce
θJ-A to 50°C/W, an area of 1.0 square inches will reduce θJ-Ato 37°C/W, and an area of
1.6 square inches will reduce
θJ-A to 32°C/W. If the printed circuit board uses a solder mask, the copper clad area
under the solder mask should be increased by at least 50% to maintain a similar
θJ-A rating.
The use of a double sided PC board with soldered filled vias between two planes of copper, as shown in
Figure 16, will improve thermal performance while optimizing the PC board surface area required. Using the
double sided PC board arrangement shown in Figure 16, with 1 ounce (1.4 mils thick) copper clad with no solder
mask and solder filled vias, an area of 0.5 square inches on both sides will reduce
θJ-A to 43°C/W.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM9071



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com