Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9061MX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM9061MX/NOPB
Description  High-Side Protection Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9061MX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM9061MX/NOPB Datasheet HTML 17Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 18Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 19Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 20Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 21Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 22Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 23Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 24Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
LM9061, LM9061-Q1
www.ti.com
SNOS738H – APRIL 1995 – REVISED JANAURY 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM9061 can be configured to drive the gate to any size external high-side power MOSFET, including
multiple parallel connected MOSFETs for very high current applications. See Basic Operation for details on the
gate drive operation and Turn On and Turn Off Characteristics for details on the gate drive timing characteristics.
8.2 Typical Application
The LM9061 is an ideal driver for any application that requires multiple parallel MOSFETs to provide the
necessary load current. Figure 19 shows a circuit with four parallel NDP706A MOSFETs. This circuit
configuration will provide a typical maximum load current of 150 A at 25°C, and a typical maximum load current
of 100 A at 125°C.
Figure 19. Driving Multiple MOSFETs
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM9061 LM9061-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com