Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9074M/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM9074M/NOPB
Description  System Voltage Regulator with Keep-Alive ON/OFF Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9074M/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM9074M/NOPB Datasheet HTML 4Page - Texas Instruments LM9074M/NOPB Datasheet HTML 5Page - Texas Instruments LM9074M/NOPB Datasheet HTML 6Page - Texas Instruments LM9074M/NOPB Datasheet HTML 7Page - Texas Instruments LM9074M/NOPB Datasheet HTML 8Page - Texas Instruments LM9074M/NOPB Datasheet HTML 9Page - Texas Instruments LM9074M/NOPB Datasheet HTML 10Page - Texas Instruments LM9074M/NOPB Datasheet HTML 11Page - Texas Instruments LM9074M/NOPB Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Application Information (Continued)
hold the micro in a reset condition for a programmable time
interval to allow the system operating voltages and clock to
stabilize before executing code.
The typical delay time interval can be estimated using the
following equation:
t
DELAY = ((3.4V x CDELAY)/IDELAY))
ForaC
DELAY value of 0.1 µF and a typical IDELAY of 12 µA,
the typical delay time will be:
t
DELAY = ((3.4V x 0.1 µF) / 12 µA)) = 28.3 ms
10130526
MICROPROCESSOR SYSTEM REGULATOR WITH
KEEP-ALIVE INTERVAL AT TURN-OFF
The following circuit illustrates a system application utilizing
both of the logic control inputs of the LM9074. Closing the
ON/OFF switch powers ON the system. Once powered, the
system controller sets the Keep-Alive line low. The NPN
transistor is used only to signal the controller that the ON/
OFF switch has been opened and the system is to be turned
OFF. Upon detecting this high level at the ON/OFF Sense
input line, the controller can then perform a power down
routine. The system will remain fully powered until the con-
troller commands total shut down by taking the Keep-Alive
line high. The system then shuts OFF and reverts to a very
low current drain standby condition until switched back on.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com