Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52-PV7F2T0SS331M18 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV7F2T0SS331M18
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV7F2T0SS331M18 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV7F2T0SS331M18 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RECOMMENDED PANEL CUTOUT
MAX. PANEL THICKNESS 12mm
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV7F2T0SS-331-M18
1:1
7/6/2015
52-PV7F2T0SS331M18
A
MW
1
1
3 1
2 4
(+)
(+)
(-)
2
4
A
21902
RELEASE FOR PRODUCTION
7/6/15
MW
41.00 1.00
1.61 .04 in
[
]
30.70 1.00
1.21 .04 in
[
]
.50
[.020 in]
13.60
[.535 in]
25.00
[.984 in]
18.00
[.709 in]
13.80
[.543 in]
2.00
[.08 in]
M22x1.0
1
3
(-)
2
4
(+)
SPDT
CONTACT CONFIGURATION
ACTUATOR:
STAINLESS STEEL
BODY:
STAINLESS STEEL
RING ILLUMINATION: GREEN
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERMINAL NUMBERS FOR REF. ONLY
4. RATING: 2A @ 48VDC
5. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
6. INSULATION RESISTANCE: 1,000M
@ 500VDC
7. DIELECTRIC STRENGTH: 2,000VAC MIN. FOR 1 MINUTE
8. ELECTRICAL LIFE: 50,000 CYCLES
9. OPERATING TEMPERATURE: -20 C TO 55 C
10. INGRESS PROTECTION: IP65
11.
DENOTES CRITICAL PARAMETER
12. 2002/95/EC (ROHS) COMPLIANT
13. ILLUMINATION COLOR: GREEN (FORWARD), GREEN (REVERSE)
14. ILLUMINATION VOLTAGE: 2.8V 20mA
15. HARDWARE INCLUDED: HEX NUT AND O-RING (NOT SHOWN)
7.00
[.276 in]
2.80
[.110 in]
ETCHED SURFACE
STANDBY POWER
SYMBOL (M18)
(SEE DETAIL)
6.00
[.236 in]
9.00
[.354 in]
FLAT
10.30 .10
.406 .004 in
[
]
22.00 .10
.866 .004 in
[
]
10.50 .10
.413 .004 in
[
]
POS. 1
POS. 2
SWITCH FUNCTION
1-2 OFF
1-2 ON
3-4 OFF
3-4 ON
6.00
[.236 in]
4.00
[.157 in]
R.75
[.030 in]
DETAIL: ACTUATOR ETCHED
STANDBY POWER SYMBOL (M18)


Similar Part No. - 52-PV7F2T0SS331M18

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV7F2T0SS331M01 E-SWITCH-52-PV7F2T0SS331M01 Datasheet
160Kb / 1P
ALL DIMENSIONS IN MM [INCH]
52-PV7F2T0SS331M03 E-SWITCH-52-PV7F2T0SS331M03 Datasheet
127Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 52-PV7F2T0SS331M18

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com