Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6032IM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6032IM/NOPB
Description  CMOS Dual Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6032IM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMC6032IM/NOPB Datasheet HTML 1Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 2Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 3Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 4Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 5Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LMC6032
SNOS609C – NOVEMBER 1994 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Differential Input Voltage
±Supply Voltage
Supply Voltage (V+
− V−)
16V
Output Short Circuit to V+
See(2)
Output Short Circuit to V−
See(3)
Lead Temperature (Soldering, 10 sec.)
260°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
ESD Tolerance(4)
1000V
Power Dissipation
See(5)
(V+) + 0.3V
Voltage at Output/Input Pin
(V−)
− 0.3V
Current at Output Pin
±18 mA
Current at Input Pin
±5 mA
Current at Power Supply Pin
35 mA
(1)
Absolute Maximum Ratings indicate limits beyond which damage to component may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
(2)
Do not connect output to V+, when V+ is greater than 13V or reliability may be adversely affected.
(3)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature and/or
multiple Op Amp shorts can result in exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30
mA over long term may adversely affect reliability.
(4)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(5)
The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) – TA)/θJA.
Operating Ratings
(1)
Temperature Range
−40°C ≤ TJ ≤ +85°C
Supply Voltage Range
4.75V to 15.5V
Power Dissipation
(2)
8-Pin PDIP
101°C/W
Thermal Resistance (
θJA)
(3)
8-Pin SOIC
165°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to component may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
(2)
For operating at elevated temperatures the device must be derated based on the thermal resistance
θJA with PD = (TJ − TA)/θJA.
(3)
All numbers apply for packages soldered directly into a PC board.
2
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com