Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS7320 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MS7320
Description  InVista?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS7320 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MS7320 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS7320 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPEAN REGIONAL OFFICES
Eastern Europe, Middle East & Africa
France
Germany
Italy
Spain
United Kingdom
Metrologic Instruments GmbH
Metrologic Eria France SA
Metrologic Instruments GmbH
Metrologic Instruments Italia Srl
Metrologic Eria Ibérica SL
Metrologic Instruments UK
Tel: +49 (0) 89 89 019 222
Tel: +33 (0) 1 48.63.78.78
Tel: +49 (0) 89 89 019 0
Tel: +39 0 51 6511978
Tel: +34 91 327 24 00
Tel: +44 (0)1256 365900
Fax: +49 (0) 89 89 019 173
Fax: +33 (0) 1 48.63.24.94
Fax: +49 (0) 89 89 019 200
Fax: +39 0 51 6521337
Fax: +34 91 327 38 29
Fax: +44 (0)1256 365955
Email: info@east.metrologic.com
Email: info@fr.metrologic.com
Email: info@de.metrologic.com
Email: info@it.metrologic.com
Email: info@es.metrologic.com
Email: info@uk.metrologic.com
www.europe.metrologic.com
www.europe.metrologic.com
www.metrologic-instruments.de
www.metrologic.it
www.metrologic.es
www.metrologic.co.uk
USA
South America
Brazil (only)
Asia
China (only)
Metrologic Instruments, Inc.
Metrologic South America
Metrologic do Brasil Ltda.
Metrologic Asia (Pte) Ltd.
Metro (Suzhou) Technologies Co.Ltd
Tel. 1-800-ID-METRO
Tel. 5511-5505-6568
Tel. 5511-5505-2396
Tel. 65-842-7155
Tel: 86-512-2572511
Fax 1-856-228-6673
Fax 5511-5505-1681
Fax 5511-5507-2301
Fax 886-3-2888292
Fax: 86-512-2571517
Email: info@metrologic.com
Email: info@sa.metrologic.com
Email: info@br.metrologic.com
Email: info@sg.metrologic.com
Email: info@cn.metrologic.com
MS7320 InVista™
MECHANICAL
ELECTRICAL
ENVIRONMENTAL
OPERATIONAL
Dimensions (without stand)
185 mm H x 99 mm D x 168 mm W (7.3” H x 3.9” D x 6.6” W)
Footprint of Stand
64 mm x 64 mm (2.5” x 2.5”)
Weight
1.2 kg (2.65 lbs)
Termination
Three 10-pin modular RJ45
Cable
Standard 2.1 m (7’) straight; for other cables call Metrologic
Mount (optional)
Fully adjustable
Input Voltage
5.2 VDC + 0.25 V
Power
1.9 W
Operating Current
360 mA
DC Transformers
Class II; 5.2 VDC @ 1 A
Laser Class
CDRH: Class IIa; EN60825-1:1994/A11:1996 Class 1
EMC
FCC, ICES-003 & EN55022 Class A
Operating Temperature
0°C to 40°C (32°F to 104°F)
Storage Temperature
-40°C to 60°C (-40°F to 140°F)
Humidity
5% to 95% relative humidity, non-condensing
Light Levels
Up to 4842 Lux (450 footcandles)
Contaminants
Sealed to resist airborne particulate contaminants
Ventilation
None required
Dimensions
185 mm
(7.3”)
99 mm
(3.9”)
64 mm
(2.5”)
square
155 mm
(6.1”)
Scan Area
0 mm
50 mm
100 mm
150 mm 200 mm 250 mm
(0”)
(2”)
(4”)
(6”)
(8”)
(10”)
135 mm
(5.3”)
Light Source
Visible Laser Diode 650 nm + 10 nm
Laser Power
0.678 mW (peak)
Depth of Scan Field
0 mm - 215 mm (0” - 8.5“) for 0.33 mm (13 mil) bar code
Width of Scan Field
38 mm (1.5”) @ 15 mm (0.6”) ; 135 mm (5.3”) @ 191 mm (7.5”)
Scan Speed
2000 scan lines per second
Scan Pattern
5 fields of 4 parallel lines (omnidirectional)
Number of Scan Lines
20
Minimum Bar Width
0.127 mm (5.0 mil)
Decode Capability
Autodiscriminates all standard bar codes, including RSS;
for other symbologies call Metrologic
System Interfaces
PC Keyboard Wedge, RS232, OCIA, Light Pen Emulation, IBM 468x/469x,
Stand Alone PC Keyboard, USB (low speed and full speed)
Print Contrast
35% minimum reflectance difference
Number Characters Read
Up to 80 data characters
Roll, Pitch, Yaw
360°, 60°, 60°
Beeper Operation
7 tones or no beep
Indicators (LED)
Green = laser on, ready to scan; Red = good read, decoding
Bar Code Minimum Element
0.132 mm (5.2 mil)
0.191 mm (7.5 mil)
0.264 mm (10.4 mil)
0.330 mm (13.0 mil)
0.478 mm (19.5 mil)
168 mm
(6.6”)
Specifications subject to change without notice.
Printed U.S.A., Copyright November 2002
Metrologic, All rights reserved.
DS7320
7320-13
AUX
EAS
RS232/
OCIA
IBM
7320-37
AUX
EAS
RS232/
KB WEDGE/
LIGHT PEN
USB
Port Configuration
10
10
10
1
1
1
InVista is available in the following color
Sample only, actual color may vary
Light Grey



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com