Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73M1A Datasheet(PDF) 1 Page - CTS Corporation

Part # 73M1A
Description  Metal Plate Construction ??Copper Alloy
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

73M1A Datasheet(HTML) 1 Page - CTS Corporation

  73M1A Datasheet HTML 1Page - CTS Corporation 73M1A Datasheet HTML 2Page - CTS Corporation 73M1A Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document No. 008-0542-0
Page 1 - 3
Rev. A
www.ctscorp.com
Series 73M1A, 73M2A,
73M3x & 73M5
Current Sensing Resistors – Up To 5W Power
FEATURES
 Metal Plate Construction – Copper Alloy
 Power Rating @ +70°C, Options 1 – 5 Watts
 Resistance Range, 0.25 – 120 milliohms
 Operating Temperature to +155°C
 EIA Standard Package Sizes
 Terminal Finish – Tin (e3)
 Reflow capable per JEDEC J-STD-020, 260°C maximum
 Tape and Reel Packaging
 RoHS/Green Compliant [6/6]
APPLICATIONS
Ideal for applications such as current detection and limiting, regulated battery circuits,
motor control, power supply, hard disk drives, inverter/converter, industrial equipment and automotive.
ORDERING INFORMATION
STANDARD RESISTOR VALUES
Notes:
1. No dashes or spaces to appear in part number.
2. Example Part Numbers:
73M2AR0015F [1.5m Ohms, ±1%]
73M3AR00025F [0.25m Ohms, ±1%]
73M3BR050F [50m Ohms, ±1%]
73M5R120F [120m Ohms, ±1%]
R
73M
Not all performance combinations and resistor values may be available.
Contact your local CTS Representative or CTS Customer Service for availability.
RESISTOR CODE
1A = 1 Watt Rating
2A = 2 Watt Rating
3A = 3 Watt Rating
3B = 3 Watt Rating
5 = 5 Watt Rating
TOLERANCE
F = ±1%
TYPE
4, 5 or 6-Character Resistor Code
"R" indicates decimal point.
Ex.
R100 = 100m Ohms
R0015 = 1.5m Ohms
R00025 = 0.25m Ohms
Standard Resistance Values [Based on EIA E-24 Sequence]
4, 5, 6-Digit Codes
Resistor
Value
Resistor
Code
Resistor
Value
Resistor
Code
Resistor
Value
Resistor
Code
Resistor
Value
Resistor
Code
0.00025Ω
R00025
0.0090Ω
R009
0.0300Ω
R030
0.0820Ω
R082
0.00050Ω
R0005
0.0100Ω
R010
0.0330Ω
R033
0.0910Ω
R091
0.0010Ω
R001
0.0110Ω
R011
0.0360Ω
R036
0.1000Ω
R100
0.0015Ω
R0015
0.0120Ω
R012
0.0390Ω
R039
0.1100Ω
R110
0.0020Ω
R002
0.0130Ω
R013
0.0430Ω
R043
0.1200Ω
R120
0.0025Ω
R0025
0.0150Ω
R015
0.0470Ω
R047
0.0030Ω
R003
0.0160Ω
R016
0.0500Ω
R050
0.0040Ω
R004
0.0180Ω
R018
0.0510Ω
R051
0.0050Ω
R005
0.0200Ω
R020
0.0560Ω
R056
0.0060Ω
R006
0.0220Ω
R022
0.0620Ω
R062
0.0070Ω
R007
0.0240Ω
R024
0.0680Ω
R068
0.0080Ω
R008
0.0270Ω
R027
0.0750Ω
R075


Similar Part No. - 73M1A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73M1 CTS-73M1 Datasheet
141Kb / 2P
Metal Plate Current Sensing Resistors
logo
Maxim Integrated Produc...
73M1822 MAXIM-73M1822 Datasheet
1Mb / 82P
73M1822/73M1922 MicroDAA Silicon DAA with Serial Interface
Rev. 1.6
logo
Teridian Semiconductor ...
73M1866-KEYCHAIN TERIDIAN-73M1866-KEYCHAIN Datasheet
345Kb / 18P
Evaluation Kit User Manual
March 19, 2009 Rev. 1.0
logo
Maxim Integrated Produc...
73M1866B MAXIM-73M1866B Datasheet
277Kb / 13P
Keychain Demo Board User Manual
logo
Teridian Semiconductor ...
73M1866B TERIDIAN-73M1866B Datasheet
1Mb / 88P
MicroDAA™ with PCM Highway
April 2010
More results

Similar Description - 73M1A

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
RL01-P12S-C4E JAE-RL01-P12S-C4E Datasheet
169Kb / 1P
CONTACT - COPPER ALLOY
RL01S-P16S-C36BE JAE-RL01S-P16S-C36BE Datasheet
130Kb / 1P
CONTACT - COPPER ALLOY
DC20-22S-PKG100 JAE-DC20-22S-PKG100 Datasheet
118Kb / 1P
COPPER ALLOY
FI-RE21HL JAE-FI-RE21HL Datasheet
130Kb / 1P
SHELL COPPER ALLOY
FI-G30C2 JAE-FI-G30C2 Datasheet
116Kb / 1P
CONTACT COPPER ALLOY
FI-G30S-VF25 JAE-FI-G30S-VF25 Datasheet
132Kb / 1P
CONTACT COPPER ALLOY
DP1R020JQ1 JAE-DP1R020JQ1 Datasheet
127Kb / 1P
CONTACT COPPER ALLOY
PM2R013VQ2 JAE-PM2R013VQ2 Datasheet
128Kb / 1P
CONTACT COPPER ALLOY
logo
Amphenol Corporation
P-U77-AX11X-XX0X AMPHENOL-P-U77-AX11X-XX0X Datasheet
337Kb / 6P
COPPER ALLOY
P-U77-AX61M-X071 AMPHENOL-P-U77-AX61M-X071 Datasheet
695Kb / 10P
COPPER ALLOY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com