Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5574MT/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM5574MT/NOPB
Description  LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5574MT/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5574MT/NOPB Datasheet HTML 10Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 11Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 12Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 13Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 14Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 15Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 16Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 17Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
'VOUT = 'IL x
1
8 x FS x COUT
§
¨
©
ESR +
L1 =
5V x (75V ± 5V)
0.2A x 300 kHz x 75V
= 78 PH
L1 =
VOUT x (VIN(max) ± VOUT)
IRIPPLE x FS x VIN(max)
IPK+
0 mA
IPK-
IO
IRIPPLE
1/Fs
LM5574, LM5574-Q1
SNVS478F – JANUARY 2007 – REVISED APRIL 2013
www.ti.com
L1
The inductor value is determined based on the operating frequency, load current, ripple current, and the
minimum and maximum input voltage (VIN(min), VIN(max)).
Figure 16. Inductor Current Waveform
To keep the circuit in continuous conduction mode (CCM), the maximum ripple current IRIPPLE should be less
than twice the minimum load current, or 0.2Ap-p. Using this value of ripple current, the value of inductor (L1) is
calculated using the following:
(6)
(7)
This procedure provides a guide to select the value of L1. The nearest standard value (100µH) will be used. L1
must be rated for the peak current (IPK+) to prevent saturation. During normal loading conditions, the peak current
occurs at maximum load current plus maximum ripple. During an overload condition the peak current is limited to
0.7A nominal (0.85A maximum). The selected inductor (see Table 1) has a conservative 1.0 Amp saturation
current rating. For this manufacturer, the saturation rating is defined as the current necessary for the inductance
to reduce by 30%, at 20°C.
C3 (CRAMP)
With the inductor value selected, the value of C3 (CRAMP) necessary for the emulation ramp circuit is:
CRAMP = L x 5 x 10
-6
(8)
Where L is in Henrys
With L1 selected for 100µH the recommended value for C3 is 470pF (nearest standard value).
C9
The output capacitor, C9 smoothes the inductor ripple current and provides a source of charge for transient
loading conditions. For this design a 22µF ceramic capacitor was selected. The ceramic capacitor provides ultra
low ESR to reduce the output ripple voltage and noise spikes. An approximation for the output ripple voltage is:
(9)
D1
A Schottky type re-circulating diode is required for all LM5574 applications. Ultra-fast diodes are not
recommended and may result in damage to the IC due to reverse recovery current transients. The near ideal
reverse recovery characteristics and low forward voltage drop are particularly important diode characteristics for
high input voltage and low output voltage applications common to the LM5574. The reverse recovery
characteristic determines how long the current surge lasts each cycle when the buck switch is turned on. The
reverse recovery characteristics of Schottky diodes minimize the peak instantaneous power in the buck switch
occurring during turn-on each cycle. The resulting switching losses of the buck switch are significantly reduced
when using a Schottky diode. The reverse breakdown rating should be selected for the maximum VIN, plus some
safety margin.
14
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5574 LM5574-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com