Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6584MA/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM6584MA/NOPB
Description  LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6584MA/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM6584MA/NOPB Datasheet HTML 7Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 8Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 9Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 10Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 11Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 12Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 13Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 14Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LM6584
www.ti.com
SNOSA44C – MAY 2003 – REVISED MARCH 2013
APPLICATION NOTES
CIRCUIT DESCRIPTION
GENERAL & SPEC
The LM6584 is a bipolar process operational amplifier. It has an exceptional output current capability of 330mA.
The part has both rail to rail inputs and outputs. It has a
−3dB bandwidth of 24MHz. The part has input voltage
noise of 23nV/
√Hz, and 2nd and 3rd harmonic distortion of −53dB and −40dB respectively.
INPUT SECTION
The LM6584 has rail to rail inputs and thus has an input range over which the device may be biased of V− minus
0.5V, and V+ plus V. The ultimate limit on input voltage excursion is the ESD protection diodes on the input pins.
The most important consideration in Rail-to-Rail input op amps is to understand the input structure. Most Rail-to-
Rail input amps use two differential input pairs to achieve this function. This is how the LM6584 works. A
conventional PNP differential transistor pair provides the input gain from 0.5V below the negative rail to about
one volt below the positive rail. At this point internal circuitry activates a differential NPN transistor pair that
allows the part to function from 1 volt below the positive rail to 0.5V above the positive rail. The effect on the
inputs pins is as if there were two different op amps connected to the inputs. This has several unique
implications.
•
The input offset voltage will change, sometimes from positive to negative as the inputs transition between the
two stages at about a volt below the positive rail. this effect is seen in the VOS vs. VCM chart in the Typical
Performance Characteristics section of this datasheet.
•
The input bias currents can be either positive or negative. Do not expect a consistent flow in or out of the
pins.
•
The part will have different specifications depending on whether the NPN or PNP stage is operating.
•
There is a little more input capacitance then a single stage input although the ESD diodes often swamp out
the added base capacitance.
•
Since the input offset voltages can change from positive to negative the output may not be monotonic when
the inputs are transitioning between the two stages and the part is in a high gain configuration.
It should be remembered that swinging the inputs across the input stage transition may cause output distortion
and accuracy anomalies. It is also worth noting that anytime any amps inputs are swung near the rails THD and
other specs are sure to suffer.
OUTPUT SECTION
Current Rating
The LM6584 has an output current rating, sinking or sourcing, of 300mA. The LM6584 is ideally suited to loads
that require a high value of peak current but only a reduced value of average current. This condition is typical of
driving the gate of a MOSFET. While the output drive rating is 300mA peak, and the output structure supports
rail-to-rail operation, the attainable output current is reduced when the gain and drive conditions are such that the
output voltage approaches either rail.
Output Power
Because of the increased output drive capability, internal heat dissipation must be held to a level that does not
increase the junction temperature above its maximum rated value of 150° C.
Power Requirements
The LM6584 operates from a voltage supply, of V+ and ground, or from a V− and V+ split supply. Single-ended
voltage range is +5V to +13V and split supply range is ±2.5V to ±6.5V.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM6584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com