Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6588MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM6588MA/NOPB
Description  LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6588MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM6588MA/NOPB Datasheet HTML 4Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 5Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 6Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 7Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 8Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 9Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 10Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 11Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
1
10
100
10k
1M
FREQUENCY (Hz)
1
10
100
1000
1k
10
1k
100k
10M
FREQUENCY (Hz)
10
20
30
40
50
60
70
80
90
100
110
0.5
0.75
1
1.25
1.5
1.75
2
INPUT STEP AMPLITUDE (VPP)
0
50
100
150
200
250
300
RL = 2k:
0
10
20
30
40
50
60
70
80
CAPACITIVE LOADING (pF)
0
200
400
600
800
1000
1200
RL = 2k:
10
1k
1M
10M
FREQUENCY (Hz)
30
40
50
60
70
80
90
100
110
120
VS = 5V
10
1k
1M
10M
FREQUENCY (Hz)
30
40
50
60
70
80
90
100
110
120
LM6588
SNOSA77D – MAY 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, VCM = 1/2VS and RL = 2kΩ.
CMRR (VS = 5V)
CMRR (VS = 16V)
Figure 8.
Figure 9.
Settling Time
Settling Time
vs.
vs.
Input Step Amplitude
Capacitive Loading
(Output Slew and Settle Time)
(Output Slew and Settle Time)
Figure 10.
Figure 11.
Crosstalk Rejection
vs.
Input Voltage Noise
Frequency
vs.
(Output to Output)
Frequency
Figure 12.
Figure 13.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM6588



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com