Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1649 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1649
Description  Hex TRI-STATEE TTL to MOS Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1649 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS1649 Datasheet HTML 1Page - National Semiconductor (TI) DS1649 Datasheet HTML 2Page - National Semiconductor (TI) DS1649 Datasheet HTML 3Page - National Semiconductor (TI) DS1649 Datasheet HTML 4Page - National Semiconductor (TI) DS1649 Datasheet HTML 5Page - National Semiconductor (TI) DS1649 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
70V
Logical ‘‘1’’ Input Voltage
70V
Logical ‘‘0’’ Input Voltage
b
15V
Storage Temperature Range
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Cavity Package
1371 mW
Molded Package
1280 mW
Lead Temperature (Soldering 10 sec)
300 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC
45
55
V
Temperature (TA)
DS1649 DS1679
b
55
a
125
C
DS3649 DS3679
0
a
70
C
Derate cavity package 91 mW C above 25 C derate molded package
102 mW C above 25 C
Electrical Characteristics (Note 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN(1)
Logical ‘‘1’’ Input Voltage
20
V
VIN(0)
Logical ‘‘0’’ Input Voltage
08
V
IIN(1)
Logical ‘‘1’’ Input Current
VCC e 55V VIN e 55V
01
40
m
A
IIN(0)
Logical ‘‘0’’ Input Current
VCC e 55V VIN e 05V
b
50
b
250
m
A
VCLAMP
Input Clamp Voltage
VCC e 45V IIN eb18 mA
b
075
b
12
V
VOH
Logical ‘‘1’’ Output Voltage
VCC e 45V IOH eb10 mA
DS1649DS1679
27
36
V
(No Load)
DS3649DS3679
28
36
VOL
Logical ‘‘0’’ Output Voltage
VCC e 45V IOL e 10 mA
DS1649DS1679
025
04
V
(No Load)
DS3649DS3679
025
035
V
VOH
Logical ‘‘1’’ Output Voltage
VCC e 45V IOH eb10 mA
DS1649
24
35
V
(With Load)
DS1679
25
35
V
DS3649
26
35
V
DS3679
27
35
V
VOL
Logical ‘‘0’’ Output Voltage
VCC e 45V IOL e 20 mA
DS1649
06
11
V
(With Load)
DS1679
04
05
V
DS3649
06
10
V
DS3679
04
05
V
I1D
Logical ‘‘1’’ Drive Current
VCC e 45V VOUT e 0V (Note 4)
b
250
mA
I0D
Logical ‘‘0’’ Drive Current
VCC e 45V VOUT e 45V (Note 4)
150
mA
Hi-Z
TRI-STATE Output Current
VOUT e 04V to 24V DIS1 or DIS2 e 20V
b
40
40
m
A
ICC
Power Supply Current
VCC e 55V
One DIS Input e 30V
42
75
mA
All Other Inputs e X
All Inputs e 0V
11
20
mA
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com