Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL2002AW Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BL2002AW
Description  COG with SMT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BL2002AW Datasheet(HTML) 1 Page - Bolymin, Inc

  BL2002AW Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11
2
16
16
15
15
J1
J1
1
2
16
16
15
15
J1
J1
1
J3
J3
5
(59.0)
(59.0)
73.52(AA)
73.52(AA)
75.52(VA)
75.52(VA)
84.5
84.5
116.0±0.5
116.0±0.5
(22.24)
(22.24)
(21.24)
(21.24)
(18.54)
(18.54)
4- 3.5PTH
4- 3.5PTH
4- 5.5PAD
4- 5.5PAD
4.0
4.0
108.0
108.0
2.2
2.2
7.7 MAX
7.7 MAX
COMPONENTS
COMPONENTS
t=1.6
t=1.6
0.62
0.62
0.65
0.65
3.22
3.22
3.7
3.7
2.5
2.5
2.54
2.54
16- 1.0PTH
16- 1.0PTH
16- 1.8PAD
16- 1.8PAD
DOT SIZE
DOT SIZE
SCALE 3/1
SCALE 3/1
PIN DETAIL
PIN DETAIL
Ø
Ø
Ø
Ø
Character Size
3.22 x 5.57


Similar Part No. - BL2002AW

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BL2002AW BOLYMIN-BL2002AW_17 Datasheet
309Kb / 1P
COG With SMT
More results

Similar Description - BL2002AW

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BO1602D BOLYMIN-BO1602D Datasheet
199Kb / 1P
COG package 5x7 dots with cursor, with icons
BL1602AW BOLYMIN-BL1602AW Datasheet
307Kb / 1P
COG with SMT
BL1602EW BOLYMIN-BL1602EW Datasheet
268Kb / 1P
COG with SMT
BL2004AW BOLYMIN-BL2004AW Datasheet
313Kb / 1P
COG with SMT
BO2002B BOLYMIN-BO2002B_17 Datasheet
496Kb / 1P
COG package
BO9649A BOLYMIN-BO9649A_17 Datasheet
494Kb / 1P
COG package
BL1602AW BOLYMIN-BL1602AW_17 Datasheet
307Kb / 1P
COG With SMT
BL1602EW BOLYMIN-BL1602EW_17 Datasheet
268Kb / 1P
COG With SMT
BL2002AW BOLYMIN-BL2002AW_17 Datasheet
309Kb / 1P
COG With SMT
BL2004AW BOLYMIN-BL2004AW_17 Datasheet
313Kb / 1P
COG With SMT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com