Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP6D31MENP-R82MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEP6D31MENP-R82MC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP6D31MENP-R82MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP6D31MENP-R82MC Datasheet HTML 1Page - Sumida Corporation CDEP6D31MENP-R82MC Datasheet HTML 2Page - Sumida Corporation CDEP6D31MENP-R82MC Datasheet HTML 3Page - Sumida Corporation CDEP6D31MENP-R82MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP6D31ME
Electrical Characteristics
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 80% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
4.5(5.2)
8.6(10.8)
21.9(17.5)
2.7
μH±20%
2R7
CDEP6D31MENP-2R7MC
4.5(5.2)
9.9(12.4)
21.9(17.5)
2.4
μH±20%
2R4
CDEP6D31MENP-2R4MC
4.5(5.2)
12.4(15.5)
21.9(17.5)
2.2
μH±20%
2R2
CDEP6D31MENP-2R2MC
6.0(6.6)
15.0(18.8)
15.7(12.5)
1.5
μH±20%
1R5
CDEP6D31MENP-1R5MC
6.2(7.1)
21.1(26.4)
14.4(11.5)
1.0
μH±20%
1R0
CDEP6D31MENP-1RØMC
7.8(8.8)
23.0(28.8)
9.2(7.3)
0.82
μH±20%
R82
CDEP6D31MENP-R82MC
7.8(8.8)
30.4(38.0)
9.2(7.3)
0.68
μH±20%
R68
CDEP6D31MENP-R68MC
9.2(11.5)
36.0(45.0)
5.9(4.7)
0.47
μH±20%
R47
CDEP6D31MENP-R47MC
Temperature
rise current
(A)
※3
DC Saturation
current (A)
※2
D.C.R. (m
Ω)
[Max.] (at 20
℃)
Inductance
[Within]※1
Stamp
Part No.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com