Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1024SSPT Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C1024SSPT
Description  HIGH SPEED 128K X 8 CMOS STATIC RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1024SSPT Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C1024SSPT Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1024SSPT Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1024SSPT Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1024SSPT Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1024SSPT Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1024SSPT Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1024SSPT Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1024SSPT Datasheet HTML 8Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
P4C1024
Page 3 of 14
Document # SRAM124 REV A
DATA RETENTION CHARACTERISTICS (P4C1024L, Military Temperature Only)
Typ.*
Max
Symbol
Parameter
Test Condition
Min
V
CC=VCC=Unit
2.0V
3.0V
2.0V
3.0V
V
DR
V
CC for Data Retention
2.0
V
I
CCDR
Data Retention Current
50
200
400
600
µA
t
CDR
Chip Deselect to
ns
Data Retention Time
t
R
†
Operation Recovery Time
t
RC
§
ns
*T
A = +25°C
§t
RC = Read Cycle Time
†This parameter is guaranteed but not tested.
*V
CC = 5.5V. Tested with outputs open. f = Max. Switching inputs are 0V and 3V. CE1 = VIL, CE2 = VIH, OE = VIH
POWER DISSIPATION CHARACTERISTICS VS. SPEED
DATA RETENTION WAVEFORM
CE
1 ≥ VCC – 0.2V or
CE
2 ≤ 0.2V, VIN ≥ VCC – 0.2V
or V
IN ≤ 0.2V
Symbol
Parameter
Temperature
Range
-15
-20
-25
-35
-45
-55
-70
-85 -100 -120
Unit
Commercial
190 160 150 145 N/A N/A N/A N/A N/A N/A
mA
Industrial
N/A 175 165 160 155 N/A N/A N/A N/A N/A
mA
Military
N/A 150 140 135 130 125 115 110 105 100
mA
Dynamic Operating Current*
ICC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com