Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBH128NP-R45MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDBH128NP-R45MC
Description  SMD Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDBH128NP-R45MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDBH128NP-R45MC Datasheet HTML 1Page - Sumida Corporation CDBH128NP-R45MC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDBH128
Description
• Ferrite core construction.
• Magnetically shielded.
• L
×W×H: 13.0×12.8×8.0mm Max.
• Product weight: 5.4g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+125℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+125℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 11.8”diameter reel
• 250pcs per reel
Applications
• Ideally used in the multiple chopper type DC-
DC converters for servers and various
decentralized power supplier.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
(6
.7
)
13
.0
Ma
x.
8.0 Max.
12.8 Max.
4.0±0.2
3.
0±
0.
5
3.
0±
0.
5
16
.0
5.
0
5.0
Solder Resist
Electrical Characteristics
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 75% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
54
18
23
0.5(0.25)
0.45
±20%
R45
CDBH128NP-R45MC
54
24
33
0.5(0.25)
0.36
±20%
R36
CDBH128NP-R36MC
54
40
52
0.5(0.25)
0.22
±20%
R22
CDBH128NP-R22MC
(at 125
℃)
(at 20
℃)
Temperature rise
current (
A) ※3
Saturation current
(A)※2
D.C.R. (m
Ω)
[Max.] (Typ.)
(at 20
℃)
Inductance (
μH)
[within]
※1
Stamp
Part No.


Similar Part No. - CDBH128NP-R45MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDBH12D58 SUMIDA-CDBH12D58 Datasheet
502Kb / 3P
Power Inductor
CDBH12D58NP-R20NC SUMIDA-CDBH12D58NP-R20NC Datasheet
502Kb / 3P
Power Inductor
More results

Similar Description - CDBH128NP-R45MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com