Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB78D73NP-R15MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDB78D73NP-R15MC
Description  SMD Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDB78D73NP-R15MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDB78D73NP-R15MC Datasheet HTML 1Page - Sumida Corporation CDB78D73NP-R15MC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Revised: 10-Aug-15
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDB78D73
Description
• Ferrite core construction.
• Magnetically shielded.
• L
×W×H: 10.0×8.0×7.5 mm Max.
• Product weight: 11.4g (Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 13.0”diameter reel
• 500pcs per reel
Applications
• Ideally used in the multiple chopper type DC-
DC converters for servers and various
decentralized power supplier.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
Electrical Characteristics
※1 Measuring frequency Inductance at 1MHz
※2 Saturation current: The value of DC current when the inductance decreases to 80% of it's initial value.
※3 Temperature rise current: The actual value of DC current when the temperature rise is △T=40℃(Ta=20℃).
9.
8
+0
.2
-0
.4
7.8 +0.2
-0.3
7.3±0.2
2.
5±
0.
3
a
b
2.0
4.
8
3.
0
2.5
4.
4
50.0
41.0(51.0)
0.33(0.29)
0.20
±20%
R20
CDB78D73NP-R20MC
50.0
55.0(68.0)
0.33(0.29)
0.15
±20%
R15
CDB78D73NP-R15MC
Temperature
rise current
(A)
※3
Saturation current (A)
※2
(at20
℃)
Max.(Typ.)
D.C.R.
(m
Ω)
(at 20
℃)
Max.(Typ.)
Inductance
(
μH)
[Within]
※1
Stamp
Part No.


Similar Part No. - CDB78D73NP-R15MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDB78D73NP-R15MC SUMIDA-CDB78D73NP-R15MC Datasheet
172Kb / 2P
SMD Power Inductor, Ferrite core construction
More results

Similar Description - CDB78D73NP-R15MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com