Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD75 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CD75
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD75 Datasheet(HTML) 2 Page - Sumida Corporation

  CD75_13 Datasheet HTML 1Page - Sumida Corporation CD75_13 Datasheet HTML 2Page - Sumida Corporation CD75_13 Datasheet HTML 3Page - Sumida Corporation CD75_13 Datasheet HTML 4Page - Sumida Corporation CD75_13 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD75
Electrical Characteristics
※1: Inductance Measuring frequency: 10μH ~ 82μH;at 2.52 MHz.
100
μH ~470μH;at 1 kHz.
※2: Rated current: The DC current at which the inductance decreases to 90 % of it’s initial value or when △t=40℃, whichever is
lower (Ta=20
℃).
0.34
1.96
470
±10%
471K
CD75NP-471KC
0.36
1.77
390
±10%
391K
CD75NP-391KC
0.40
1.26
330
±10%
331K
CD75NP-331KC
0.42
1.11
270
±10%
271K
CD75NP-271KC
0.49
0.96
220
±10%
221K
CD75NP-221KC
0.51
0.71
180
±10%
181K
CD75NP-181KC
0.58
0.64
150
±10%
151K
CD75NP-151KC
0.66
0.47
120
±10%
121K
CD75NP-121KC
0.72
0.43
100
±10%
101K
CD75NP-101KC
0.78
0.37
82
±10%
820K
CD75NP-820KC
0.85
0.28
68
±10%
680K
CD75NP-680KC
0.94
0.24
56
±10%
560K
CD75NP-560KC
1.1
0.18
47
±10%
470K
CD75NP-470KC
1.1
0.16
39
±10%
390K
CD75NP-390KC
1.2
0.13
33
±10%
330K
CD75NP-330KC
1.3
0.12
27
±10%
270K
CD75NP-270KC
1.5
0.11
22
±10%
220K
CD75NP-220KC
1.6
0.10
18
±10%
180K
CD75NP-180KC
1.8
0.09
15
±10%
150K
CD75NP-150KC
2.0
0.08
12
±10%
120K
CD75NP-120KC
2.3
0.07
10
±10%
100K
CD75NP-100KC
Rated Current
(A)
※2
D.C.R (
Ω)
[Max.]
(at 20
℃)
Inductance
(
μH)
[Within]※1
Stamp
Part Name



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com