Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD73 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CD73
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD73 Datasheet(HTML) 1 Page - Sumida Corporation

  CD73_13 Datasheet HTML 1Page - Sumida Corporation CD73_13 Datasheet HTML 2Page - Sumida Corporation CD73_13 Datasheet HTML 3Page - Sumida Corporation CD73_13 Datasheet HTML 4Page - Sumida Corporation CD73_13 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD73
Description
• Ferrite drum core construction.
• Magnetically unshielded.
• L
×W×H: 8.1×7.3×4.0mm Max.
• Product weight:0.5g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -30
℃~+100℃
(including coil’s self temperature rise)
• Storage temperature range: -30
℃~+100℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 12.9”diameter reel
• 1000pcs per reel
Applications
• Ideally used in PDA,MP3,DSC/DVC,HDD,
Portable DVD, etc as DC-DC converter
inductors.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
7.0±0.3
3.5±0.5
7.0
φ
7.
8
φ
7.
8±
0.
3
2.
1
PART OF
ELECTRODE
PART OF SOLDER RESIST PRINTING
7.5
R 1.0
2.
0
8.
0
Halogen
Free


Similar Part No. - CD73_13

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CD73-100 AITCOMPONENTS-CD73-100 Datasheet
31Kb / 1P
CD73 SMD POWER INDUCTOR
CD73-101 AITCOMPONENTS-CD73-101 Datasheet
31Kb / 1P
CD73 SMD POWER INDUCTOR
CD73-120 AITCOMPONENTS-CD73-120 Datasheet
31Kb / 1P
CD73 SMD POWER INDUCTOR
CD73-121 AITCOMPONENTS-CD73-121 Datasheet
31Kb / 1P
CD73 SMD POWER INDUCTOR
CD73-150 AITCOMPONENTS-CD73-150 Datasheet
31Kb / 1P
CD73 SMD POWER INDUCTOR
More results

Similar Description - CD73_13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com